Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 56 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 52Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 53Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 54Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 55Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 56Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 57Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 58Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 59Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PERIPHERALS
The integrated peripherals of the TMS320F2810 and TMS320F2812 are described in the following subsections:
D Three 32-bit CPU-Timers
D Two event-manager modules (EVA, EVB)
D Enhanced analog-to-digital converter (ADC) module
D Controller area network (CAN) module
D Serial communications interface modules (SCI-A, SCI-B)
D Serial peripheral interface (SPI) module
D PLL-based clock module
D Digital I/O and shared pin functions
D External memory interfaces (TMS320F2812 only)
D Watchdog (WD) timer module
32-bit CPU-Timers 0/1/2
This section describes the three 32-bit CPU-timers on the F2810 and F2812 devices (TIMER0/1/2).
CPU-Timers 1 and 2 are reserved for the Real-Time OS (such as DSP-BIOS).† CPU-Timer 0 can be used in
user applications.
Borrow
Reset
Timer Reload
SYSCLKOUT
TCR.4
(Timer Start Status)
TINT
16-Bit Timer Divide-Down
TDDRH:TDDR
32-Bit Timer Period
PRDH:PRD
32-Bit Counter
TIMH:TIM
16-Bit Prescale Counter
PSCH:PSC
Borrow
NOTE A: The CPU-Timers are different from the general-purpose (GP) timers that are present in the Event Manager modules (EVA, EVB).
Figure 12. CPU-Timers
† If the application is not using BIOS, then CPU-Timers 1 and 2 can be used in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com