Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 75 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 71Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 72Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 73Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 74Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 75Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 76Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 77Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 78Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
75
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
multichannel buffered serial port (McBSP) module
The McBSP module has the following features:
D Compatible to McBSP in TMS320C54x /TMS320C55x DSP devices
D Full-duplex communication
D Double-buffered data registers which allow a continuous data stream
D Independent framing and clocking for receive and transmit
D External shift clock generation or an internal programmable frequency shift clock
D A wide selection of data sizes including 8-, 12-, 16-, 20-, 24-, or 32-bits
D 8-bit data transfers with LSB or MSB first
D Programmable polarity for both frame synchronization and data clocks
D HIghly programmable internal clock and frame generation
D Support A-bis mode
D Direct interface to industry-standard CODECs, Analog Interface Chips (AICs), and other serially connected
A/D and D/A devices
D Works with SPI-compatible devices at 75 Mbps maximum for 150-MHz SYSCLKOUT
D Two 16 x 16-level FIFO for Transmit channel
D Two 16 x 16-level FIFO for Receive channel
The following application interfaces can be supported on the McBSP:
D T1/E1 framers
D MVIP switching-compatible and ST-BUS-compliant devices including:
–
MVIP framers
–
H.100 framers
–
SCSA framers
–
IOM-2 compliant devices
–
AC97-compliant devices (the necessary multiphase frame synchronization capability is provided.)
–
IIS-compliant devices
TMS320C54x and TMS320C55x are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com