Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 53 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 49Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 50Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 51Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 52Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 53Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 54Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 55Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 56Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
watchdog block (continued)
When the XRS line is low, the WDFLAG bit is forced low. The WDFLAG bit will only be set if a rising edge on
WDRST signal is detected (after synch and a 4 cycle delay) and the XRS signal is high. If the XRS signal is low
when WDRST goes high, then the WDFLAG bit will remain at 0. In a typical application, the WDRST signal will
connect to the XRS input. Hence to distinguish between a watchdog reset and an external device reset, an
external reset must be longer in duration then the watchdog pulse.
Emulation Considerations
The watchdog module behaves as follows under various debug conditions:
CPU Suspended:
When the CPU is suspended, the watchdog clock (WDCLK) is
suspended.
Run-Free Mode:
When the CPU is placed in run-free mode, then the watchdog module
resumes operation as normal.
Real-Time Single-Step Mode:
When the CPU is in real-time single-step mode, the watchdog clock
(WDCLK) is suspended. The watchdog remains suspended even within
real-time interrupts.
Real-Time Run-Free Mode:
When the CPU is in real-time run-free mode, the watchdog operates as
normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com