Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 57 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 53Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 54Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 55Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 56Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 57Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 58Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 59Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 60Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
57
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
32-bit CPU-Timers 0/1/2 (continued)
In the F2810 and F2812 devices, the timer interrupt signals (TINT0, TINT1, TINT2) are connected as shown
in Figure 13.
INT1
to
INT12
INT14
C28x
TINT2
TINT0
PIE
CPU-TIMER 0
CPU-TIMER 2
(for RTOS use)
INT13
TINT1
CPU-TIMER 1
(for RTOS use)
XINT13
NOTES: A. The timer registers are connected to the Memory Bus of the C28x processor.
B. The timing of the timers is synchronized to SYSCLKOUT of the processor clock.
Figure 13. CPU-Timer Interrupts Signals and Output Signal
The general operation of the timer is as follows: The 32-bit counter register “TIMH:TIM” is loaded with the value
in the period register “PRDH:PRD”. The counter register, decrements at the SYSCLKOUT rate of the C28x.
When the counter reaches 0, a timer interrupt output signal generates an interrupt pulse. The registers listed
in Table 43 are used to configure the timers.
Table 43. CPU-Timers 0, 1, 2 Configuration and Control Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
TIMER0TIM
0x0000–0C00
1
CPU-Timer 0, Counter Register
TIMER0TIMH
0x0000–0C01
1
CPU-Timer 0, Counter Register High
TIMER0PRD
0x0000–0C02
1
CPU-Timer 0, Period Register
TIMER0PRDH
0x0000–0C03
1
CPU-Timer 0, Period Register High
TIMER0TCR
0x0000–0C04
1
CPU-Timer 0, Control Register
reserved
0x0000–0C05
1
TIMER0TPR
0x0000–0C06
1
CPU-Timer 0, Prescale Register
TIMER0TPRH
0x0000–0C07
1
CPU-Timer 0, Prescale Register High
TIMER1TIM
0x0000–0C08
1
CPU-Timer 1, Counter Register
TIMER1TIMH
0x0000–0C09
1
CPU-Timer 1, Counter Register High
TIMER1PRD
0x0000–0C0A
1
CPU-Timer 1, Period Register
TIMER1PRDH
0x0000–0C0B
1
CPU-Timer 1, Period Register High
TIMER1TCR
0x0000–0C0C
1
CPU-Timer 1, Control Register
reserved
0x0000–0C0D
1
TIMER1TPR
0x0000–0C0E
1
CPU-Timer 1, Prescale Register
TIMER1TPRH
0x0000–0C0F
1
CPU-Timer 1, Prescale Register High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com