Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 91 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 87Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 88Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 89Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 90Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 91Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 92Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 93Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 94Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
91
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
GPIO mux (continued)
Table 66. GPDMUX, GPDDIR Register Bit Definitions
GPDMUX
BIT
PERIPHERAL NAME (BIT = 1)
GPIO NAME
(BIT = 0)
GPDDIR BIT
TYPE
RESET
INPUT QUAL
EV-A Peripheral:
0
T1CTRIP_PDPINTA (I)
GPIOD0
0
R/W
0
yes
1
T2CTRIP (I)
GPIOD1
1
R/W
0
yes
2
reserved
GPIOD2
2
R/W
0
–
3
reserved
GPIOD3
3
R/W
0
–
4
reserved
GPIOD4
4
R/W
0
–
EV-B Peripheral:
5
T3CTRIP_PDPINTB (I)
GPIOD5
5
R/W
0
yes
6
T4CTRIP (I)
GPIOD6
6
R/W
0
yes
7
reserved
GPIOD7
7
R=0
0
–
8
reserved
GPIOD8
8
R=0
0
–
9
reserved
GPIOD9
9
R=0
0
–
10
reserved
GPIOD10
10
R/W
0
–
11
reserved
GPIOD11
11
R/W
0
–
12
reserved
GPIOD12
12
R=0
0
–
13
reserved
GPIOD13
13
R=0
0
–
14
reserved
GPIOD14
14
R=0
0
–
15
reserved
GPIOD15
15
R=0
0
–
Table 67. GPDQUAL Register Bit Definitions
BIT
NAME
TYPE
RESET
DESCRIPTION
7:0
QUALPRD
R/W
0:0
Specifies the qualification sampling period:
0x00
no qualification (just SYNC to SYSCLKOUT)
0x01
QUALPRD = SYSCLKOUT/2
0x02
QUALPRD = SYSCLKOUT/4
.
0xFF
QUALPRD = SYSCLKOUT/510
15:8
reserved
R=0
0:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com