Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 52 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 48Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 49Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 50Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 51Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 52Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 53Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 54Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 55Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
watchdog block (continued)
Table 37. WDCNTR Register Bit Definitions
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
7:0
WDCNTR
R/W
0:0
These bits contain the current value of the WD counter. The 8-bit
counter continually increments at the WDCLK rate. If the counter
overflows, then the watchdog initiates a reset. If the WDKEY register
is written with a valid combination, then the counter is reset to zero.
15:8
reserved
R=0
0:0
Table 38. WDKEY Register Bit Definitions
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
7:0
WDKEY
W/R=0
0:0
Writing 0x55 followed by 0xAA will cause the WDCNTR bits to be
cleared. Writing any other value will cause an immediate watchdog
reset to be generated.
15:8
reserved
R=0
0:0
Table 39. WDCR Register Bit Definitions
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
2:0
WDPS(2:0)
R/W
0:0
These bits configure the watchdog counter clock (WDCLK) rate relative
to OSCCLK/512:
000
WDCLK = OSCCLK/512/1
001
WDCLK = OSCCLK/512/1
010
WDCLK = OSCCLK/512/2
011
WDCLK = OSCCLK/512/4
100
WDCLK = OSCCLK/512/8
101
WDCLK = OSCCLK/512/16
110
WDCLK = OSCCLK/512/32
111
WDCLK = OSCCLK/512/64
5:3
WDCHK(2:0)
W/R=0
0:0
The user must ALWAYS write “1,0,1” to these bits whenever a write to
this register is performed. Writing any other value will cause an
immediate reset to the core (if WD enabled).
6
WDDIS
R/W
0
Writing a 1 to this bit will disable the watchdog module. Writing a 0 will
enable the module. This bit can only be modified if the WDOVERRIDE
bit in the SCSR2 register is set to 1. On reset, the watchdog module is
enabled.
7
WDFLAG
R/W=1
Watchdog reset status flag bit. This bit, if set, indicates a watchdog
reset (WDRST) generated the reset condition. If 0, then it was an
external device or power-up reset condition. This bit remains latched
until the user writes a 1 to clear the condition. Writes of 0 will be ignored.
15:8
reserved
R=0
0:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com