Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 60 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 56Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 57Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 58Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 59Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 60Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 61Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 62Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 63Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
60
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
32-bit CPU-Timers 0/1/2 (continued)
Table 49. TIMERxTPR Register Bit Definitions†
BITS
NAME
R/W
RESET
DESCRIPTION
7:0
TDDR
R/W
0x00
Timer Divide-Down. Every (TDDRH:TDDR + 1) timer clock source cycles, the timer counter
register (TIMH:TIM) decrements by one. At reset, the TDDRH:TDDR bits are cleared to 0. To
increase the overall timer count by an integer factor, write this factor minus one to the
TDDRH:TDDR bits. When the prescaler counter (PSCH:PSC) value is 0, one timer clock source
cycle later, the contents of the TDDRH:TDDR reload the PSCH:PSC, and the TIMH:TIM
decrements by one. TDDRH:TDDR also reloads the PSCH:PSC whenever the timer reload bit
(TRB) is set by software.
15:8
PSC
R
0x00
Timer Prescale Counter. These bits hold the current prescale count for the timer. For every timer
clock source cycle that the PSCH:PSC value is greater than 0, the PSCH:PSC decrements by one.
One timer clock (output of the timer prescaler) cycle after the PSCH:PSC reaches 0, the
PSCH:PSC is loaded with the contents of the TDDRH:TDDR, and the timer counter register
(TIMH:TIM) decrements by one. The PSCH:PSC is also reloaded whenever the timer reload bit
(TRB) is set by software. The PSCH:PSC can be checked by reading the register, but it cannot be
set directly. It must get its value from the timer divide-down register (TDDRH:TDDR). At reset, the
PSCH:PSC is set to 0.
† x = 0, 1, or 2
Table 50. TIMERxTPRH Register Bit Definitions†
BIT
NAME
R/W
RESET
DESCRIPTION
7:0
TDDRH
R/W
0x00
See description of TIMERxTPR.
15:8
PSCH
R
0x00
See description of TIMERxTPR.
† x = 0, 1, or 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com