Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 83 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 79Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 80Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 81Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 82Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 83Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 84Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 85Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 86Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
83
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial peripheral interface (SPI) module (continued)
The SPI port operation is configured and controlled by the registers listed in Table 59.
Table 59. SPI Registers
NAME
ADDRESS RANGE
SIZE (x16)
DESCRIPTION
SPICCR
0x0000–7040
1
SPI Configuration Control Register
SPICTL
0x0000–7041
1
SPI Operation Control Register
SPIST
0x0000–7042
1
SPI Status Register
SPIBRR
0x0000–7044
1
SPI Baud Rate Register
SPIEMU
0x0000–7046
1
SPI Emulation Buffer Register
SPIRXBUF
0x0000–7047
1
SPI Serial Input Buffer Register
SPITXBUF
0x0000–7048
1
SPI Serial Output Buffer Register
SPIDAT
0x0000–7049
1
SPI Serial Data Register
SPIFFTX
0x0000–704A
1
SPI FIFO Transmit Register
SPIFFRX
0x0000–704B
1
SPI FIFO Receive Register
SPIFFCT
0x0000–704C
1
SPI FIFO Control Register
SPIPRI
0x0000–704F
1
SPI Priority Control Register
Note:
The above registers are mapped to Peripheral Frame 2. This space only allows 16-bit accesses. 32-bit
accesses produce undefined results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com