Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 71 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 67Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 68Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 69Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 70Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 71Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 72Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 73Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 74Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
enhanced controller area network (eCAN) module
The CAN module has the following features:
D Fully compliant with CAN protocol, version 2.0B
D Supports data rates up to 1 Mbps
D Thirty-two mailboxes, each with the following properties:
–
Configurable as receive or transmit
–
Configurable with standard or extended identifier
–
Has a programmable receive mask
–
Supports data and remote frame
–
Composed of 0 to 8 bytes of data
–
Uses a 32-bit time stamp on receive and transmit message
–
Protects against reception of new message
–
Holds the dynamically programmable priority of transmit message
–
Employs a programmable interrupt scheme with two interrupt levels
–
Employs a programmable alarm on transmission or reception time-out
D Low-power mode
D Programmable wake-up on bus activity
D Automatic reply to a remote request message
D Automatic retransmission of a frame in case of loss of arbitration or error
D 32-bit local network time counter synchronized by a specific message (communication in conjunction with
mailbox 16)
D Self-test mode
–
Operates in a loopback mode receiving its own message. A “dummy” acknowledge is provided, thereby
eliminating the need for another node to provide the acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com