Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 80 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 80 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 76Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 77Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 78Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 79Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 80Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 81Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 82Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 83Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
80
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
serial communications interface (SCI) module (continued)
The SCI port operation is configured and controlled by the registers listed in Table 57 and Table 58.
Table 57. SCI-A Registers†
NAME
ADDRESS RANGE
SIZE (x16)
DESCRIPTION
SCICCR
0x0000–7050
1
SCI-A Communications Control Register
SCICTL1
0x0000–7051
1
SCI-A Control Register 1
SCIHBAUD
0x0000–7052
1
SCI-A Baud Register, High Bits
SCILBAUD
0x0000–7053
1
SCI-A Baud Register, Low Bits
SCICTL2
0x0000–7054
1
SCI-A Control Register 2
SCIRXST
0x0000–7055
1
SCI-A Receive Status Register
SCIRXEMU
0x0000–7056
1
SCI-A Receive Emulation Data Buffer Register
SCIRXBUF
0x0000–7057
1
SCI-A Receive Data Buffer Register
SCITXBUF
0x0000–7059
1
SCI-A Transmit Data Buffer Register
SCIFFTX
0x0000–705A
1
SCI-A FIFO Transmit Register
SCIFFRX
0x0000–705B
1
SCI-A FIFO Receive Register
SCIFFCT
0x0000–705C
1
SCI-A FIFO Control Register
SCIPRI
0x0000–705F
1
SCI-A Priority Control Register
† Shaded registers are new registers for the FIFO mode.
Table 58. SCI-B Registers†
NAME
ADDRESS RANGE
SIZE (x16)
DESCRIPTION
SCICCR
0x0000–7750
1
SCI-B Communications Control Register
SCICTL1
0x0000–7751
1
SCI-B Control Register 1
SCIHBAUD
0x0000–7752
1
SCI-B Baud Register, High Bits
SCILBAUD
0x0000–7753
1
SCI-B Baud Register, Low Bits
SCICTL2
0x0000–7754
1
SCI-B Control Register 2
SCIRXST
0x0000–7755
1
SCI-B Receive Status Register
SCIRXEMU
0x0000–7756
1
SCI-B Receive Emulation Data Buffer Register
SCIRXBUF
0x0000–7757
1
SCI-B Receive Data Buffer Register
SCITXBUF
0x0000–7759
1
SCI-B Transmit Data Buffer Register
SCIFFTX
0x0000–775A
1
SCI-B FIFO Transmit Register
SCIFFRX
0x0000–775B
1
SCI-B FIFO Receive Register
SCIFFCT
0x0000–775C
1
SCI-B FIFO Control Register
SCIPRI
0x0000–775F
1
SCI-B Priority Control Register
† Shaded registers are new registers for the FIFO mode.
Note:
The above registers are mapped to peripheral bus 16 space. This space only allows 16-bit accesses. 32-bit
accesses produce undefined results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com