Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2810PBKA Datasheet(PDF) 96 Page - Texas Instruments

Part # TMP320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2810PBKA Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMP320F2810PBKA Datasheet HTML 92Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 93Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 94Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 95Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 96Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 97Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 98Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 99Page - Texas Instruments TMP320F2810PBKA Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
96
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device and development support tool nomenclature
To designate the stages in the product development cycle, Texas Instruments assigns prefixes to the part
numbers of all TMS320
 DSP devices and support tools. Each TMS320 DSP member has one of three
prefixes: TMX, TMP, or TMS. Texas Instruments recommends two of three possible prefix designators for its
support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from
engineering prototypes (TMX/TMDX) through fully qualified production devices/tools (TMS/TMDS). This
development flow is defined below.
Support tool development evolutionary flow:
TMDX
Development support product that has not completed TI’s internal qualification testing
TMDS
Fully qualified development support product
TMX and TMP devices and TMDX development support tools are shipped against the following disclaimer:
“Developmental product is intended for internal evaluation purposes.”
TMS devices and TMDS development support tools have been fully characterized, and the quality and reliability
of the device have been fully demonstrated. TI’s standard warranty applies.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, PBK) and temperature range (for example, A). Figure 23 provides a legend for reading the
complete device name for any TMS320x28x family member. Refer to the timing section for specific options that
are available on F2810 and F2812 devices.
Predictions show that prototype devices ( TMX or TMP) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
PREFIX
TMS 320
F
2810
PBK
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320
 DSP Family
TECHNOLOGY
PACKAGE TYPE†
GHH = 179-pin MicroStar BGA
PGF = 176-pin LQFP
PBK = 128-pin LQFP
F = Flash EEPROM (1.8-V Core/3.3-V I/O)
DEVICE
2810
2812
† BGA
=
Ball Grid Array
LQFP =
Low-Profile Quad Flatpack
TEMPERATURE RANGE
A= –40
°C to 85°C
S= –40
°C to 125°C
A
Figure 23. TMS320x28x Device Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com