Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 33Page - Analog Devices ADV7181BBCPZ Datasheet HTML 34Page - Analog Devices ADV7181BBCPZ Datasheet HTML 35Page - Analog Devices ADV7181BBCPZ Datasheet HTML 36Page - Analog Devices ADV7181BBCPZ Datasheet HTML 37Page - Analog Devices ADV7181BBCPZ Datasheet HTML 38Page - Analog Devices ADV7181BBCPZ Datasheet HTML 39Page - Analog Devices ADV7181BBCPZ Datasheet HTML 40Page - Analog Devices ADV7181BBCPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
ADV7181B
Rev. 0 | Page 37 of 96
BL_C_VBI Blank Chroma during VBI, Address 0x04 [2]
Setting BL_C_VBI high, the Cr and Cb values of all VBI lines
are blanked. This is done so any data that may arrive during VBI
is not decoded as color and output through Cr and Cb. As a
result, it is possible to send VBI lines into the decoder, then
output them through an encoder again, undistorted. Without
this blanking, any wrongly decoded color is encoded by the
video encoder; therefore, the VBI lines are distorted.
Setting BL_C_VBI to 0 decodes and outputs color during VBI.
Setting BL_C_VBI to 1 (default) blanks Cr and Cb values
during VBI.
RANGE Range Selection, Address 0x04 [0]
AV codes (as per ITU-R BT-656, formerly known as CCIR-656)
consist of a fixed header made up of 0xFF and 0x00 values.
These two values are reserved and therefore are not to be used
for active video. Additionally, the ITU specifies that the nominal
range for video should be restricted to values between 16 and
235 for luma and 16 to 240 for chroma.
The RANGE bit allows the user to limit the range of values
output by the ADV7181B to the recommended value range. In
any case, it ensures that the reserved values of 255d (0xFF) and
00d (0x00) are not presented on the output pins unless they are
part of an AV code header.
Table 50. RANGE Function
RANGE
Description
0
16 ≤ Y ≤ 235
16 ≤ C/P ≤ 240
1 (default)
1 ≤ Y ≤ 254
1 ≤ C/P ≤ 254
AUTO_PDC_EN Automatic Programmed Delay Control,
Address 0x27 [6]
Enabling the AUTO_PDC_EN function activates a function
within the ADV7181B that automatically programs the
LTA[1:0] and CTA[2:0] to have the chroma and luma data
match delays for all modes of operation. If set, manual registers
LTA[1:0] and CTA[2:0] are not used. If the automatic mode is
disabled (via setting the AUTO_PDC_EN bit to 0), the values
programmed into LTA[1:0] and CTA[2:0] registers become
active.
When AUTO_PDC_EN is 0, the ADV7181 uses the LTA[1:0]
and CTA[2:0] values for delaying luma and chroma samples.
Refer to the LTA[1:0] Luma Timing Adjust, Address 0x27 [1:0]
and the CTA[2:0] Chroma Timing Adjust, Address 0x27 [5:3]
sections.
When AUTO_PDC_EN is 1 (default), the ADV7181
automatically determines the LTA and CTA values to have luma
and chroma aligned at the output.
LTA[1:0] Luma Timing Adjust, Address 0x27 [1:0]
The Luma Timing Adjust register allows the user to specify a
timing difference between chroma and luma samples.
Note that there is a certain functionality overlap with the
CTA[2:0] register. For manual programming, use the following
defaults:
•
CVBS input LTA[1:0] = 00.
•
YC input LTA[1:0] = 01.
•
YPrPb input LTA[1:0] =01.
Table 51. LTA Function
LTA[1:0]
Description
00 (default)
No delay.
01
Luma 1 clk (37 ns) delayed.
10
Luma 2clk (74 ns) early.
11
Luma 1 clk (37 ns) early.
CTA[2:0] Chroma Timing Adjust, Address 0x27 [5:3]
The Chroma Timing Adjust register allows the user to specify a
timing difference between chroma and luma samples. This may
be used to compensate for external filter group delay differences
in the luma versus chroma path, and to allow a different number
of pipeline delays while processing the video downstream.
Review this functionality together with the LTA[1:0] register.
The chroma can be delayed/advanced only in chroma pixel
steps. One chroma pixel step is equal to two luma pixels. The
programmable delay occurs after demodulation, where one can
no longer delay by luma pixel steps.
For manual programming, use the following defaults:
•
CVBS input CTA[2:0] = 011.
•
YC input CTA[2:0] = 101.
•
YPrPb input CTA[2:0] =110.
Table 52. CTA Function
CTA[2:0]
Description
000
Not used.
001
Chroma + 2 chroma pixel (early).
010
Chroma + 1 chroma pixel (early).
011 (default)
No delay.
100
Chroma – 1 chroma pixel (late).
101
Chroma – 2 chroma pixel (late).
110
Chroma – 3 chroma pixel (late).
111
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com