Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 85 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 85 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 81Page - Analog Devices ADV7181BBCPZ Datasheet HTML 82Page - Analog Devices ADV7181BBCPZ Datasheet HTML 83Page - Analog Devices ADV7181BBCPZ Datasheet HTML 84Page - Analog Devices ADV7181BBCPZ Datasheet HTML 85Page - Analog Devices ADV7181BBCPZ Datasheet HTML 86Page - Analog Devices ADV7181BBCPZ Datasheet HTML 87Page - Analog Devices ADV7181BBCPZ Datasheet HTML 88Page - Analog Devices ADV7181BBCPZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
ADV7181B
Rev. 0 | Page 85 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
0
0
0
0
No connection
0
0
0
1
No connection
0
0
1
0
No connection
0
0
1
1
No connection
0
1
0
0
No connection
0
1
0
1
AIN6
0
1
1
0
No connection
0
1
1
1
No connection
1
0
0
0
No connection
1
0
0
1
No connection
1
0
1
0
No connection
1
0
1
1
No connection
1
1
0
0
No connection
1
1
0
1
AIN5
1
1
1
0
No connection
ADC2_SW[3:0]. Manual muxing
control for ADC2.
1
1
1
1
No connection
SETADC_sw_
man_en = 1
Reserved
x
x
x
0
Disable
0xC4
ADC
SWITCH 2
ADC_SW_MAN_EN. Enable manual
setting of the input signal muxing.
1
Enable
LB_TH [4:0]. Sets the threshold value
that determines if a line is black.
0
1
1
0
0
Default threshold for the
detection of black lines.
0xDC
Letterbox
Control 1
Reserved
1
0
1
Set as default
LB_EL[3:0]. Programs the end line of
the activity window for LB detection
(end of field).
1
1
0
0
LB detection ends with
the last line of active video
on a field.
1100b: 262/525.
0xDD
Letterbox
Control 2
LB_SL[3:0]. Program the start line of
the activity window for LB detection
(start of field).
0
1
0
0
Letterbox detection
aligned with the start of
active video,
0100b: 23/286 NTSC.
0xDE
Reserved
0
0
0
0
0
0
0
0
0xDF
Reserved
0
0
0
0
0
0
0
0
0xE0
Reserved
0
0
0
1
0
1
0
0
0xE1
SD Offset
Cb
SD_OFF_CB [7:0]. Adjusts the hue by
selecting the offset for the Cb
channel.
1
0
0
0
0
0
0
0
0xE2
SD Offset
Cr
SD_OFF_CR [7:0]. Adjusts the hue by
selecting the offset for the Cr
channel.
1
0
0
0
0
0
0
0
0xE3
SD
Saturation
Cb
SD_SAT_CB [7:0]. Adjusts the
saturation of the picture by
affecting gain on the Cb channel.
1
0
0
0
0
0
0
0
Chroma gain = 0 dB
0xE4
SD
Saturation
Cr
SD_SAT_CR [7:0]. Adjusts the
saturation of the picture by
affecting gain on the Cr channel.
1
0
0
0
0
0
0
0
Chroma gain = 0 dB
NVBEG[4:0]. How many lines after
lCOUNT rollover to set V high.
0
0
1
0
1
NTSC default (BT.656)
0
Set to low when manual
programming
NVBEGSIGN
1
Not suitable for user
programming
0
No delay
NVBEGDELE. Delay V bit going high
by one line relative to NVBEG (even
field).
1
Additional delay by 1 line
0
No delay
0xE5
NTSC V Bit
Begin
NVBEGDELO. Delay V bit going high
by one line relative to NVBEG (odd
field).
1
Additional delay by 1 line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com