Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 84 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 84 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 80Page - Analog Devices ADV7181BBCPZ Datasheet HTML 81Page - Analog Devices ADV7181BBCPZ Datasheet HTML 82Page - Analog Devices ADV7181BBCPZ Datasheet HTML 83Page - Analog Devices ADV7181BBCPZ Datasheet HTML 84Page - Analog Devices ADV7181BBCPZ Datasheet HTML 85Page - Analog Devices ADV7181BBCPZ Datasheet HTML 86Page - Analog Devices ADV7181BBCPZ Datasheet HTML 87Page - Analog Devices ADV7181BBCPZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
ADV7181B
Rev. 0 | Page 84 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
0x99
CCAP1
(Read Only)
CCAP1[7:0]
Closed caption data register.
x
x
x
x
x
x
x
x
CCAP1[7] contains parity
bit for byte 0
0x9A
CCAP2
(Read Only)
CCAP2[7:0]
Closed caption data register.
x
x
x
x
x
x
x
x
CCAP2[7] contains parity
bit for byte 0
0x9B
Letterbox 1
(Read Only)
LB_LCT[7:0]
Letterbox data register.
x
x
x
x
x
x
x
x
Reports the number of
black lines detected at the
top of active video.
0x9C
Letterbox 2
(Read Only)
LB_LCM[7:0]
Letterbox data register.
x
x
x
x
x
x
x
x
Reports the number of
black lines detected in the
bottom half of active video
if subtitles are detected.
0x9D
Letterbox 3.
(Read Only)
LB_LCB[7:0]
Letterbox data register.
x
x
x
x
x
x
x
x
Reports the number of
black lines detected at the
bottom of active video.
This feature
examines the active
video at the start
and at the end of
each field. It enables
format detection
even if the video is
not accompanied by
a CGMS or WSS
sequence.
Reserved
0
0
Set as default
0
Turn off CRC check
CRC_ENABLE. Enable CRC checksum
decoded from CGMS packet to
validate CGMSD.
1
CGMSD goes high with
valid checksum
0xB2
CRC
Enable
Write
Register
Reserved
0
0
0
1
1
Set as default
0
0
0
0
No connection
0
0
0
1
AIN2
0
0
1
0
No connection
0
0
1
1
No connection
0
1
0
0
AIN4
0
1
0
1
AIN6
0
1
1
0
No connection
0
1
1
1
No connection
1
0
0
0
No connection
1
0
0
1
AIN1
1
0
1
0
No connection
1
0
1
1
No connection
1
1
0
0
AIN3
1
1
0
1
AIN5
1
1
1
0
No connection
ADC0_SW[3:0]. Manual muxing
control for ADC0.
1
1
1
1
No connection
SETADC_sw_
man_en = 1
0
0
0
0
No connection
0
0
0
1
No connection
0
0
1
0
No connection
0
0
1
1
No connection
0
1
0
0
AIN4
0
1
0
1
AIN6
0
1
1
0
No connection
0
1
1
1
No connection
1
0
0
0
No connection
1
0
0
1
No connection
1
0
1
0
No connection
1
0
1
1
No connection
1
1
0
0
AIN3
1
1
0
1
AIN5
1
1
1
0
No connection
0xC3
ADC
SWITCH 1
ADC1_SW[3:0]. Manual muxing
control for ADC1.
1
1
1
1
No connection
SETADC_sw_
man_en = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com