Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 27Page - Analog Devices ADV7181BBCPZ Datasheet HTML 28Page - Analog Devices ADV7181BBCPZ Datasheet HTML 29Page - Analog Devices ADV7181BBCPZ Datasheet HTML 30Page - Analog Devices ADV7181BBCPZ Datasheet HTML 31Page - Analog Devices ADV7181BBCPZ Datasheet HTML 32Page - Analog Devices ADV7181BBCPZ Datasheet HTML 33Page - Analog Devices ADV7181BBCPZ Datasheet HTML 34Page - Analog Devices ADV7181BBCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
ADV7181B
Rev. 0 | Page 31 of 96
For example, program the ADV7181B into manual fixed gain
mode with a desired gain of 0.89.
1.
Use Equation 1 to convert the gain:
0.89 × 2048 = 1822.72
2.
Truncate to integer value:
1822.72 = 1822
3.
Convert to hexadecimal:
1822d = 0x71E
4.
Split into two registers and program:
Luma Gain Control 1 [3:0] = 0x7
Luma Gain Control 2 [7:0] = 0x1E
5.
Enable Manual Fixed Gain Mode:
Set LAGC[2:0] to 000
BETACAM Enable Betacam Levels, Address 0x01 [5]
If YPrPb data is routed through the ADV7181B, the automatic
gain control modes can target different video input levels, as
outlined in Table 41. Note that the BETACAM bit is valid only if
the input mode is YPrPb (component). The BETACAM bit
basically sets the target value for AGC operation.
A review of the following sections is useful:
•
SETADC_sw_man_en, Manual Input Muxing Enable,
Address C4 [7] to find how component video (YPrPb) can
be routed through the ADV7181B.
•
Video Standard Selection to select the various standards,
for example, with and without pedestal.
The automatic gain control (AGC) algorithms adjust the levels
based on the setting of the BETACAM bit (see Table 35.).
Table 35. BETACAM Function
BETACAM
Description
0 (default)
Assuming YPrPb is selected as input format.
Selecting PAL with pedestal selects MII.
Selecting PAL without pedestal selects SMPTE.
Selecting NTSC with pedestal selects MII.
Selecting NTSC without pedestal selects SMPTE.
1
Assuming YPrPb is selected as input format.
Selecting PAL with pedestal selects BETACAM.
Selecting PAL without pedestal selects BETACAM
variant.
Selecting NTSC with pedestal selects BETACAM.
Selecting NTSC without pedestal selects BETACAM
variant.
PW_UPD Peak White Update, Address 0x2B [0]
The peak white and average video algorithms determine the
gain based on measurements taken from the active video. The
PW_UPD bit determines the rate of gain change. LAGC[2:0]
must be set to the appropriate mode to enable the peak white or
average video mode in the first place. For more information,
refer to the LAGC[2:0] Luma Automatic Gain Control, Address
0x30 [7:0] section.
Setting PW_UPD to 0 updates the gain once per video line.
Setting PW_UPD to 1 (default) updates the gain once per field.
Chroma Gain
CAGC[1:0] Chroma Automatic Gain Control,
Address 0x2C [1:0]
The two bits of Color Automatic Gain Control mode select the
basic mode of operation for automatic gain control in the
chroma path.
Table 36. CAGC Function
CAGC[1:0]
Description
00
Manual fixed gain (use CMG[11:0]).
01
Use luma gain for chroma.
10 (default)
Automatic gain (based on color burst).
11
Freeze chroma gain.
CAGT[1:0] Chroma Automatic Gain Timing,
Address 0x2D [7:6]
The Chroma Automatic Gain Timing register allows the user to
influence the tracking speed of the chroma automatic gain
control. This register has an effect only if the CAGC[1:0]
register is set to 10 (automatic gain).
Table 37. CAGT Function
CAGT[1:0]
Description
00
Slow (TC = 2 sec)
01
Medium (TC = 1 sec)
10
Fast (TC = 0.2 sec)
11 (default)
Adaptive
Table 38. Betacam Levels
Name
Betacam (mV)
Betacam Variant (mV)
SMPTE (mV)
MII (mV)
Y Range
0 to 714 (incl. 7.5% pedestal)
0 to 714
0 to 700
0 to 700 (incl. 7.5% pedestal)
Pb and Pr Range
–467 to +467
–505 to +505
–350 to +350
–324 to +324
Sync Depth
286
286
300
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com