Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 51Page - Analog Devices ADV7181BBCPZ Datasheet HTML 52Page - Analog Devices ADV7181BBCPZ Datasheet HTML 53Page - Analog Devices ADV7181BBCPZ Datasheet HTML 54Page - Analog Devices ADV7181BBCPZ Datasheet HTML 55Page - Analog Devices ADV7181BBCPZ Datasheet HTML 56Page - Analog Devices ADV7181BBCPZ Datasheet HTML 57Page - Analog Devices ADV7181BBCPZ Datasheet HTML 58Page - Analog Devices ADV7181BBCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
ADV7181B
Rev. 0 | Page 55 of 96
GDECEL[15:0] Gemstar Decoding Even Lines,
Address 0x48 [7:0]; Address 0x49 [7:0]
The 16 bits of the GDECEL[15:0] are interpreted as a collection
of 16 individual line decode enable signals. Each bit refers to a
line of video in an even field. Setting the bit enables the decoder
block trying to find Gemstar or closed caption-compatible data
on that particular line. Setting the bit to 0 prevents the decoder
from trying to retrieve data. See Table 72 and Table 73.
To retrieve closed caption data services on NTSC (Line 284),
GDECEL[11] must be set.
To retrieve closed caption data services on PAL (Line 335),
GDECEL[14] must be set.
The default value of GDECEL[15:0] is 0x0000. This setting
instructs the decoder not to attempt to decode Gemstar or
CCAP data from any line in the even field.
GDECOL[15:0] Gemstar Decoding Odd Lines, Address 0x4A
[7:0]; Address 0x4B [7:0]
The 16 bits of the GDECOL[15:0] form a collection of 16
individual line decode enable signals. See Table 72 and Table 73.
To retrieve closed caption data services on NTSC (Line 21),
GDECOL[11] must be set.
To retrieve closed caption data services on PAL (Line 22),
GDECOL[14] must be set.
The default value of GDEC0L[15:0] is 0x0000. This setting
instructs the decoder not to attempt to decode Gemstar or
CCAP data from any line in the odd field.
GDECAD Gemstar Decode Ancillary Data Format,
Address 0x4C [0]
The decoded data from Gemstar-compatible transmissions or
closed caption transmissions is inserted into the horizontal
blanking period of the respective line of video. A potential
problem may arise if the retrieved data bytes have the value
0x00 or 0xFF. In an ITU-R BT.656-compatible data stream,
those values are reserved and used only to form a fixed
preamble.
The GDECAD bit allows the data to be inserted into the
horizontal blanking period in two ways:
•
Insert all data straight into the data stream, even the reserved
values of 0x00 and 0xFF, if they occur. This may violate the
output data format specification ITU-R BT.1364.
•
Split all data into nibbles and insert the half-bytes over
double the number of cycles in a 4-bit format.
When GDECAD is 0, the data is split into half-bytes and
inserted (default).
When GDECAD is 1, the data is output straight in 8-bit format.
Table 72. NTSC Line Enable Bits and
Corresponding Line Numbering
line[3:0]
Line Number
(ITU-R BT.470)
Enable Bit
Comment
0
10
GDECOL[0]
Gemstar
1
11
GDECOL[1]
Gemstar
2
12
GDECOL[2]
Gemstar
3
13
GDECOL[3]
Gemstar
4
14
GDECOL[4]
Gemstar
5
15
GDECOL[5]
Gemstar
6
16
GDECOL[6]
Gemstar
7
17
GDECOL[7]
Gemstar
8
18
GDECOL[8]
Gemstar
9
19
GDECOL[9]
Gemstar
10
20
GDECOL[10]
Gemstar
11
21
GDECOL[11]
Gemstar or
closed caption
12
22
GDECOL[12]
Gemstar
13
23
GDECOL[13]
Gemstar
14
24
GDECOL[14]
Gemstar
15
25
GDECOL[15]
Gemstar
0
273 (10)
GDECEL[0]
Gemstar
1
274 (11)
GDECEL[1]
Gemstar
2
275 (12)
GDECEL[2]
Gemstar
3
276 (13)
GDECEL[3]
Gemstar
4
277 (14)
GDECEL[4]
Gemstar
5
278 (15)
GDECEL[5]
Gemstar
6
279 (16)
GDECEL[6]
Gemstar
7
280 (17)
GDECEL[7]
Gemstar
8
281 (18)
GDECEL[8]
Gemstar
9
282 (19)
GDECEL[9]
Gemstar
10
283 (20)
GDECEL[10]
Gemstar
11
284 (21)
GDECEL[11]
Gemstar or
closed caption
12
285 (22)
GDECEL[12]
Gemstar
13
286 (23)
GDECEL[13]
Gemstar
14
287 (24)
GDECEL[14]
Gemstar
15
288 (25)
GDECEL[15]
Gemstar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com