Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 60 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 56Page - Analog Devices ADV7181BBCPZ Datasheet HTML 57Page - Analog Devices ADV7181BBCPZ Datasheet HTML 58Page - Analog Devices ADV7181BBCPZ Datasheet HTML 59Page - Analog Devices ADV7181BBCPZ Datasheet HTML 60Page - Analog Devices ADV7181BBCPZ Datasheet HTML 61Page - Analog Devices ADV7181BBCPZ Datasheet HTML 62Page - Analog Devices ADV7181BBCPZ Datasheet HTML 63Page - Analog Devices ADV7181BBCPZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
ADV7181B
Rev. 0 | Page 60 of 96
REGISTER ACCESSES
The MPU can write to or read from all of the ADV7181B’s
registers, except the Subaddress register, which is write-only.
The Subaddress register determines which register the next read
or write operation accesses. All communications with the part
through the bus start with an access to the Subaddress register.
Then, a read/write operation is performed from/to the target
address, which then increments to the next address until a stop
command on the bus is performed.
REGISTER PROGRAMMING
The following sections describe each register in terms of its
configuration. The Communications register is an 8-bit, write-
only register. After the part has been accessed over the bus and a
read/write operation is selected, the subaddress is set up. The
Subaddress register determines to/from which register the
operation takes place. Table 81 lists the various operations
under the control of the Subaddress register for the control port.
Register Select (SR7–SR0)
These bits are set up to point to the required starting address.
I2C SEQUENCER
An I2C sequencer is used when a parameter exceeds eight bits,
and is therefore distributed over two or more I2C registers, for
example, HSB [11:0].
When such a parameter is changed using two or more I2C write
operations, the parameter may hold an invalid value for the
time between the first I2C being completed and the last I2C
being completed. In other words, the top bits of the parameter
may already hold the new value while the remaining bits of the
parameter still hold the previous value.
To avoid this problem, the I2C sequencer holds the already
updated bits of the parameter in local memory; all bits of the
parameter are updated together once the last register write
operation has completed.
The correct operation of the I2C sequencer relies on the
following:
•
All I2C registers for the parameter in question must be
written to in order of ascending addresses. For example, for
HSB[10:0], write to Address 0x34 first, followed by 0x35.
•
No other I2C taking place between the two (or more) I2C
writes for the sequence. For example, for HSB[10:0], write
to Address 0x34 first, immediately followed by 0x35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com