Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 43Page - Analog Devices ADV7181BBCPZ Datasheet HTML 44Page - Analog Devices ADV7181BBCPZ Datasheet HTML 45Page - Analog Devices ADV7181BBCPZ Datasheet HTML 46Page - Analog Devices ADV7181BBCPZ Datasheet HTML 47Page - Analog Devices ADV7181BBCPZ Datasheet HTML 48Page - Analog Devices ADV7181BBCPZ Datasheet HTML 49Page - Analog Devices ADV7181BBCPZ Datasheet HTML 50Page - Analog Devices ADV7181BBCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
ADV7181B
Rev. 0 | Page 47 of 96
Wide Screen Signaling Data
WSS1[7:0], Address 0x91 [7:0],
WSS2[7:0], Address 0x92 [7:0]
Figure 30 shows the bit correspondence between the analog
video waveform and the WSS1/WSS2 registers. WSS2[7:6] are
undetermined and should be masked out by software.
EDTV Data Registers
EDTV1[7:0], Address 0x93 [7:0],
EDTV2[7:0], Address 0x94 [7:0],
EDTV3[7:0], Address 0x95 [7:0]
Figure 31 shows the bit correspondence between the analog
video waveform and the EDTV1/EDTV2/EDTV3 registers.
EDTV3[7:6] are undetermined and should be masked out by
software. EDTV3[5] is reserved for future use and, for now,
contains a 0. The three LSBs of the EDTV waveform are
currently not supported.
ACTIVE
VIDEO
WSS2[5:0]
WSS1[7:0]
RUN-IN
SEQUENCE
START
CODE
0
1
2
3
4
5
6
7
0
1
2
3
4
5
11.0
µs
38.4
µs
42.5
µs
Figure 30.WSS Data Extraction
Table 56. WSS Access Information
Signal Name
Register Location
Address
Register Default Value
WSS1 [7:0]
WSS 1 [7:0]
145d
0x91
Readback Only
WSS2 [5:0]
WSS 2 [5:0]
146d
0x92
Readback Only
EDTV1[7:0]
EDTV2[7:0]
EDTV3[5:0]
NOT SUPPORTED
01
3
4
5
6
7
0
1
2 3 4
5
6
7
0
1
2
345
2
Figure 31. EDTV Data Extraction
Table 57. EDTV Access Information
Signal Name
Register Location
Address
Register Default Value
EDTV1[7:0]
EDTV 1 [7:0]
147d
0x93
Readback Only
EDTV2[7:0]
EDTV 2 [7:0]
148d
0x94
Readback Only
EDTV3[7:0]
EDTV 3 [7:0]
149d
0x95
Readback Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com