Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 93 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 93 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 88Page - Analog Devices ADV7181BBCPZ Datasheet HTML 89Page - Analog Devices ADV7181BBCPZ Datasheet HTML 90Page - Analog Devices ADV7181BBCPZ Datasheet HTML 91Page - Analog Devices ADV7181BBCPZ Datasheet HTML 92Page - Analog Devices ADV7181BBCPZ Datasheet HTML 93Page - Analog Devices ADV7181BBCPZ Datasheet HTML 94Page - Analog Devices ADV7181BBCPZ Datasheet HTML 95Page - Analog Devices ADV7181BBCPZ Datasheet HTML 96Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
ADV7181B
Rev. 0 | Page 93 of 96
2k
Ω
2k
Ω
AGND
DGND
AGND
DGND
0.1
µF
DGND
0.01
µF
DGND
33
µF
DGND
10
µF
DGND
FERRITE BEAD
DVDDIO
(3.3V)
POWER SUPPLY
DECOUPLING FOR
EACH POWER PIN
0.1
µF
AGND
0.01
µF
AGND
33
µF
AGND
10
µF
AGND
FERRITE BEAD
PVDD
(1.8V)
POWER SUPPLY
DECOUPLING FOR
EACH POWER PIN
0.1
µF
AGND
0.01
µF
AGND
33
µF
AGND
10
µF
AGND
FERRITE BEAD
AVDD
(3.3V)
POWER SUPPLY
DECOUPLING FOR
EACH POWER PIN
0.1
µF
DGND
0.01
µF
DGND
33
µF
DGND
10
µF
DGND
FERRITE BEAD
DVDD
(1.8V)
POWER SUPPLY
DECOUPLING FOR
EACH POWER PIN
AGND DGND
AIN2
100nF
AIN1
100nF
AIN3
100nF
AIN4
100nF
AIN5
100nF
AIN6
100nF
AGND
S-VIDEO
Y
Pr
Pb
CBVS
+
CAPY1
CAPY2
AGND
0.1
µF
10
µF
0.1
µF
+
CAPC2
CML
AGND
0.1
µF
0.1nF
0.1nF
10
µF
0.1
µF
LLC
27MHz OUTPUT CLOCK
SFL
SFL O/P
HS
HS O/P
VS
VS O/P
FIELD
FIELD O/P
ELPF
1.7k
Ω
10nF
82nF
PVDD
DGND
DVDDIO
100nF
P15–P8 8-BIT ITU-R BT.656 PIXEL DATA @ 27MHz
P7–P0 Cb AND Cr 16-BIT ITU-R BT.656 PIXEL DATA @ 13.5MHz
P15–P8 Y1 AND Y2 16-BIT ITU-R BT.656 PIXEL DATA @ 13.5MHz
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
P13
P14
P15
MULTI-
FORMAT
PIXEL
PORT
+
10
µF
0.1
µF
REFOUT
AGND
0.1
µF
10
µF
+
XTAL
15pF
DGND
XTAL1
ALSB
15pF
DGND
27MHz
ADV7181B
DVDDIO
DVDDIO
SELECT I2C
ADDRESS
DVSS
PWRDN
MPU INTERFACE
CONTROL LINES
SCLK
SDA
33
Ω
33
Ω
DVDDIO
DVDDIO
4.7k
Ω
RESET
RESET
INTERRUPT O/P
INTRQ
Figure 44. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com