Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 76 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 76 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 72Page - Analog Devices ADV7181BBCPZ Datasheet HTML 73Page - Analog Devices ADV7181BBCPZ Datasheet HTML 74Page - Analog Devices ADV7181BBCPZ Datasheet HTML 75Page - Analog Devices ADV7181BBCPZ Datasheet HTML 76Page - Analog Devices ADV7181BBCPZ Datasheet HTML 77Page - Analog Devices ADV7181BBCPZ Datasheet HTML 78Page - Analog Devices ADV7181BBCPZ Datasheet HTML 79Page - Analog Devices ADV7181BBCPZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
ADV7181B
Rev. 0 | Page 76 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
0x18
0
0
0
0
0
Reserved. Do not use.
0
0
0
0
1
Reserved. Do not use.
Shaping
Filter
Control 2
0
0
0
1
0
SVHS 1
0
0
0
1
1
SVHS 2
0
0
1
0
0
SVHS 3
00
1
0
1
SVHS 4
0
0
1
1
0
SVHS 5
0
0
1
1
1
SVHS 6
0
1
0
0
0
SVHS 7
0
1
0
0
1
SVHS 8
0
1
0
1
0
SVHS 9
0
1
0
1
1
SVHS 10
0
1
1
0
0
SVHS 11
0
1
1
0
1
SVHS 12
0
1
1
1
0
SVHS 13
0
1
1
1
1
SVHS 14
1
0
0
0
0
SVHS 15
1
0
0
0
1
SVHS 16
1
0
0
1
0
SVHS 17
1
0
0
1
1
SVHS 18 (CCIR 601)
1
0
1
0
0
Reserved. Do not use.
~
~
~
~
~
Reserved. Do not use.
WYSFM[4:0]. Wideband Y Shaping
Filter mode allows the user to select
which Y shaping filter is used for the
Y component of Y/C, YPbPr, B/W
input signals; it is also used when a
good quality input CVBS signal is
detected. For all other inputs, the Y
shaping filter chosen is controlled
by YSFM[4:0].
1
1
1
1
1
Reserved. Do not use.
Reserved
0
0
Set to default
0
Manual select filter using
WYSFM[4:0]
WYSFMOVR. Enables the use of
automatic WYSFN filter.
1
Autoselection of best filter
0
0
Narrow
0
1
Medium
1
0
Wide
PSFSEL[1:0]. Controls the signal
bandwidth that is fed to the comb
filters (PAL).
1
1
Widest
0
0
Narrow
0
1
Medium
1
0
Medium
NSFSEL[1:0]. Controls the signal
bandwidth that is fed to the comb
filters (NTSC).
1
1
Wide
0x19
Comb
Filter
Control
Reserved
1
1
1
1
Set as default
Reserved
0
0
x
x
x
Set to default
0
Enabled
VS_JIT_COMP_EN
1
Disabled
0
Use 27 MHz crystal
EN28XTAL
1
Use 28 MHz crystal
0
LLC pin active
0x1D
ADI
Control 2
TRI_LLC
1
LLC pin three-stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com