Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 16Page - Analog Devices ADV7181BBCPZ Datasheet HTML 17Page - Analog Devices ADV7181BBCPZ Datasheet HTML 18Page - Analog Devices ADV7181BBCPZ Datasheet HTML 19Page - Analog Devices ADV7181BBCPZ Datasheet HTML 20Page - Analog Devices ADV7181BBCPZ Datasheet HTML 21Page - Analog Devices ADV7181BBCPZ Datasheet HTML 22Page - Analog Devices ADV7181BBCPZ Datasheet HTML 23Page - Analog Devices ADV7181BBCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
ADV7181B
Rev. 0 | Page 20 of 96
SYNC PROCESSING
The ADV7181B extracts syncs embedded in the video data
stream. There is currently no support for external HS/VS inputs.
The sync extraction has been optimized to support imperfect
video sources such as videocassette recorders with head
switches. The actual algorithm used employs a coarse detection
based on a threshold crossing followed by a more detailed
detection using an adaptive interpolation algorithm. The raw
sync information is sent to a line-length measurement and
prediction block. The output of this is then used to drive the
digital resampling section to ensure that the ADV7181B outputs
720 active pixels per line.
The sync processing on the ADV7181B also includes the
following specialized postprocessing blocks that filter and
condition the raw sync information retrieved from the digitized
analog video.
•
VSYNC Processor. This block provides extra filtering of the
detected VSYNCs to give improved vertical lock.
•
HSYNC Processor. The HSYNC processor is designed to
filter incoming HSYNCs that have been corrupted by
noise, providing much improved performance for video
signals with stable time base but poor SNR.
VBI DATA RECOVERY
The ADV7181B can retrieve the following information from the
input video:
•
Wide-screen signaling (WSS)
•
Copy generation management system (CGMS)
•
Closed caption (CC)
•
Macrovision protection presence
•
EDTV data
•
Gemstar-compatible data slicing
The ADV7181B is also capable of automatically detecting the
incoming video standard with respect to
•
Color subcarrier frequency
•
Field rate
•
Line rate
The ADV7181B can configure itself to support PAL-BGHID,
PAL-M/N, PAL-combination N, NTSC-M, NTSC-J, SECAM
50 Hz/60 Hz, NTSC4.43, and PAL60.
GENERAL SETUP
Video Standard Selection
The VID_SEL[3:0] register allows the user to force the digital
core into a specific video standard. Under normal circumstances,
this should not be necessary. The VID_SEL[3:0] bits default to
an autodetection mode that supports PAL, NTSC, SECAM, and
variants thereof. The following section provides more informa-
tion on the autodetection system.
Autodetection of SD Modes
In order to guide the autodetect system of the ADV7181B,
individual enable bits are provided for each of the supported
video standards. Setting the relevant bit to 0 inhibits the
standard from being detected automatically. Instead, the system
picks the closest of the remaining enabled standards. The results
of the autodetection block can be read back via the status
registers. See the Global Status Registers section for more
information.
VID_SEL[3:0]Address 0x00 [7:4]
Table 17. VID_SEL Function
VID_SEL[3:0]
Description
0000 (default)
Autodetect (PAL BGHID) <–> NTSC J (no
pedestal), SECAM.
0001
Autodetect (PAL BGHID) <–> NTSC M
(pedestal), SECAM.
0010
Autodetect (PAL N) (pedestal) <–> NTSC J (no
pedestal), SECAM.
0011
Autodetect (PAL N) (pedestal)<–> NTSC M
(pedestal), SECAM.
0100
NTSC J (1).
0101
NTSC M (1).
0110
PAL 60.
0111
NTSC 4.43 (1).
1000
PAL BGHID.
1001
PAL N (= PAL BGHID (with pedestal)).
1010
PAL M (without pedestal).
1011
PAL M.
1100
PAL combination N.
1101
PAL combination N (with pedestal).
1110
SECAM.
1111
SECAM (with pedestal).
AD_SEC525_EN Enable Autodetection of SECAM 525
Line Video, Address 0x07 [7]
Setting AD_SEC525_EN to 0 (default) disables the
autodetection of a 525-line system with a SECAM style, FM-
modulated color component.
Setting AD_SEC525_EN to 1 enables the detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com