Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 73 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 73 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 69Page - Analog Devices ADV7181BBCPZ Datasheet HTML 70Page - Analog Devices ADV7181BBCPZ Datasheet HTML 71Page - Analog Devices ADV7181BBCPZ Datasheet HTML 72Page - Analog Devices ADV7181BBCPZ Datasheet HTML 73Page - Analog Devices ADV7181BBCPZ Datasheet HTML 74Page - Analog Devices ADV7181BBCPZ Datasheet HTML 75Page - Analog Devices ADV7181BBCPZ Datasheet HTML 76Page - Analog Devices ADV7181BBCPZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
ADV7181B
Rev. 0 | Page 73 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
0
Disable
AD_PAL_EN. PAL B/G/I/H autodetect
enable.
1
Enable
0
Disable
AD_NTSC_EN. NTSC autodetect
enable.
1
Enable
0
Disable
AD_PALM_EN. PAL M autodetect
enable.
1
Enable
0
Disable
AD_PALN_EN. PAL N autodetect
enable.
1
Enable
0
Disable
AD_P60_EN. PAL 60 autodetect
enable.
1
Enable
0
Disable
AD_N443_EN. NTSC443 autodetect
enable.
1
Enable
0
Disable
AD_SECAM_EN. SECAM autodetect
enable.
1
Enable
0
Disable
0x07
Autodetect
Enable
AD_SEC525_EN. SECAM 525
autodetect enable.
1
Enable
0x08
Contrast
Register
CON[7:0]. Contrast adjust. This is the
user control for contrast adjustment.
1
0
0
0
0
0
0
0
Luma gain = 1
0x00 Gain = 0;
0x80 Gain = 1;
0xFF Gain = 2
0x09
Reserved
Reserved
1
0
0
0
0
0
0
0
0x0A
Brightness
Register
BRI[7:0]. This register controls the
brightness of the video signal.
0
0
0
0
0
0
0
0
0x00 = 0IRE;
0x7F = 100IRE;
0x80 = –100IRE
0x0B
Hue
Register
HUE[7:0]. This register contains the
value for the color hue adjustment.
0
0
0
0
0
0
0
0
Hue range =
–90° to +90°
0x0C
Default
Value Y
0
Free-run mode dependent
on DEF_VAL_AUTO_EN
DEF_VAL_EN. Default value enable.
1
Force Free-run mode on
and output blue screen
0
Disable Free-run mode
DEF_VAL_AUTO_EN. Default value.
1
Enable Automatic Free-
run mode (blue screen)
When lock is lost,
Free-run mode can
be enabled to
output stable
timing, clock, and a
set color.
0
0
1
1
0
1
DEF_Y[5:0]. Default value Y. This
register holds the Y default value.
Y[7:0] = {DEF_Y[5:0],0, 0}
Default Y value
output in Free-run
mode.
0x0D
Default
Value C
0
1
1
1
1
1
0
0
DEF_C[7:0]. Default value C. The Cr
and Cb default values are defined in
this register.
Cr[7:0] = DEF_C[7:4],0, 0, 0, 0}
Cb[7:0] = DEF_C[3:0], 0, 0,
0, 0}
Default Cb/Cr value
output in Free-run
mode. Default
values give blue
screen output.
0x0E
ADI
Control
Reserved
0
0
0
0
0
Set as Default
0
Access User Reg Map
SUB_USR_EN. Enables the user to
access the Interrupt map
1
Access Interrupt Reg Map
See Figure 37
Reserved
0
0
Set as default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com