Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 37Page - Analog Devices ADV7181BBCPZ Datasheet HTML 38Page - Analog Devices ADV7181BBCPZ Datasheet HTML 39Page - Analog Devices ADV7181BBCPZ Datasheet HTML 40Page - Analog Devices ADV7181BBCPZ Datasheet HTML 41Page - Analog Devices ADV7181BBCPZ Datasheet HTML 42Page - Analog Devices ADV7181BBCPZ Datasheet HTML 43Page - Analog Devices ADV7181BBCPZ Datasheet HTML 44Page - Analog Devices ADV7181BBCPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
ADV7181B
Rev. 0 | Page 41 of 96
Table 54. Recommended User Settings for NTSC
(See Figure 21)
Register
Register Name
Write
0x31
VSync Field Control 1
0x12
0x32
VSync Field Control 2
0x81
0x33
VSync Field Control 3
0x84
0x37
Polarity
0x29
0xE5
NTSV_V_Bit_Beg
0x0
0xE6
NTSC_V_Bit_End
0x3
0xE7
NTSC_F_Bit_Tog
0x85
ADVANCE BEGIN OF
VSYNC BY NVBEG[4:0]
DELAY BEGIN OF
VSYNC BY NVBEG[4:0]
VSYNC BEGIN
NVBEGSIGN
ODD FIELD?
0
1
NO
YES
NVBEGDELO
VSBHO
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NVBEGDELE
VSBHE
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NOT VALID FOR USER
PROGRAMMING
Figure 22. NTSC VSync Begin
NVBEGDELO NTSC VSync Begin Delay on Odd Field,
Address 0xE5 [7]
When NVBEGDELO is 0 (default), there is no delay.
Setting NVBEGDELO to 1 delays VSync going high on an odd
field by a line relative to NVBEG.
NVBEGDELE NTSC Vsync Begin Delay on Even Field,
Address 0xE5 [6]
When NVBEGDELE is 0 (default), there is no delay.
Setting NVBEGDELE to 1 delays VSync going high on an even
field by a line relative to NVBEG.
NVBEGSIGN NTSC VSync Begin Sign, Address 0xE5 [5]
Setting NVBEGSIGN to 0 delays the start of VSync. Set for user
manual programming.
Setting NVBEGSIGN to 1 (default) advances the start of VSync.
Not recommended for user programming.
NVBEG[4:0] NTSC VSync Begin, Address 0xE5 [4:0]
The default value of NVBEG is 00101, indicating the NTSC
VSync begin position.
For all NTSC/PAL VSync timing controls, both the V bit in the
AV code and the VSync on the VS pin are modified.
ADVANCE END OF
VSYNC BY NVEND[4:0]
DELAY END OF VSYNC
BY NVEND[4:0]
VSYNC END
NVENDSIGN
ODD FIELD?
0
1
NO
YES
NVENDDELO
VSEHO
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NVENDDELE
VSEHE
ADDITIONAL
DELAY BY
1 LINE
ADVANCE BY
0.5 LINE
1
0
1
0
NOT VALID FOR USER
PROGRAMMING
Figure 23. NTSC VSync End
NVENDDELO NTSC VSync End Delay on Odd Field,
Address 0xE6 [7]
When NVENDDELO is 0 (default), there is no delay.
Setting NVENDDELO to 1 delays VSync from going low on an
odd field by a line relative to NVEND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com