Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 61 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 61 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 57Page - Analog Devices ADV7181BBCPZ Datasheet HTML 58Page - Analog Devices ADV7181BBCPZ Datasheet HTML 59Page - Analog Devices ADV7181BBCPZ Datasheet HTML 60Page - Analog Devices ADV7181BBCPZ Datasheet HTML 61Page - Analog Devices ADV7181BBCPZ Datasheet HTML 62Page - Analog Devices ADV7181BBCPZ Datasheet HTML 63Page - Analog Devices ADV7181BBCPZ Datasheet HTML 64Page - Analog Devices ADV7181BBCPZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
ADV7181B
Rev. 0 | Page 61 of 96
I2C REGISTER MAPS
Table 80. Common and Normal (Page 1) Register Map Details
Subaddress
Register Name
Reset Value
rw
Dec
Hex
Input Control
0000 0000
rw
0
0x00
Video Selection
1100 1000
rw
1
0x01
Reserved
0000 0100
rw
2
0x02
Output Control
0000 1100
rw
3
0x03
Extended Output Control
01xx 0101
rw
4
0x04
Reserved
0000 0000
rw
5
0x05
Reserved
0000 0010
rw
6
0x06
Autodetect Enable
0111 1111
rw
7
0x07
Contrast
1000 0000
rw
8
0x08
Reserved
1000 0000
rw
9
0x09
Brightness
0000 0000
rw
10
0x0A
Hue
0000 0000
rw
11
0x0B
Default Value Y
0011 0110
rw
12
0x0C
Default Value C
0111 1100
rw
13
0x0D
ADI Control
0000 0000
rw
14
0x0E
Power Management
0000 0000
rw
15
0x0F
Status 1
xxxx xxxx
r
16
0x10
Ident
xxxx xxxx
r
17
0x11
Status 2
xxxx xxxx
r
18
0x12
Status 3
xxxx xxxx
r
19
0x13
Analog Clamp Control
0001 0010
rw
20
0x14
Digital Clamp Control 1
0100 xxxx
rw
21
0x15
Reserved
xxxx xxxx
rw
22
0x16
Shaping Filter Control
0000 0001
rw
23
0x17
Shaping Filter Control 2
1001 0011
rw
24
0x18
Comb Filter Control
1111 0001
rw
25
0x19
Reserved
xxxx xxxx
rw
26–28
0x1A–0x1C
ADI Control 2
0000 0xxx
rw
29
0x1D
Reserved
xxxx xxxx
rw
30-38
0x1E-0x26
Pixel Delay Control
0101 1000
rw
39
0x27
Reserved
xxxx xxxx
rw
40-42
0x28–0x2A
Misc Gain Control
1110 0001
rw
43
0x2B
AGC Mode Control
1010 1110
rw
44
0x2C
Chroma Gain Control 1
1111 0100
rw
45
0x2D
Chroma Gain Control 2
0000 0000
rw
46
0x2E
Luma Gain Control 1
1111 xxxx
rw
47
0x2F
Luma Gain Control 2
xxxx xxxx
rw
48
0x30
VSync Field Control 1
0001 0010
rw
49
0x31
VSync Field Control 2
0100 0001
rw
50
0x32
VSync Field Control 3
1000 0100
rw
51
0x33
HSync Position Control 1
0000 0000
rw
52
0x34
HSync Position Control 2
0000 0010
rw
53
0x35
HSync Position Control 3
0000 0000
rw
54
0x36
Polarity
0000 0001
rw
55
0x37
NTSC Comb Control
1000 0000
rw
56
0x38
PAL Comb Control
1100 0000
rw
57
0x39
ADC Control
0001 0000
rw
58
0x3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com