Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7181BBCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 34Page - Analog Devices ADV7181BBCPZ Datasheet HTML 35Page - Analog Devices ADV7181BBCPZ Datasheet HTML 36Page - Analog Devices ADV7181BBCPZ Datasheet HTML 37Page - Analog Devices ADV7181BBCPZ Datasheet HTML 38Page - Analog Devices ADV7181BBCPZ Datasheet HTML 39Page - Analog Devices ADV7181BBCPZ Datasheet HTML 40Page - Analog Devices ADV7181BBCPZ Datasheet HTML 41Page - Analog Devices ADV7181BBCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
ADV7181B
Rev. 0 | Page 38 of 96
SYNCHRONIZATION OUTPUT SIGNALS
HS Configuration
The following controls allow the user to configure the behavior
of the HS output pin only:
•
Beginning of HS signal via HSB[10:0]
•
End of HS signal via HSE[10:0]
•
Polarity of HS using PHS
The HS Begin and HS End registers allow the user to freely
position the HS output (pin) within the video line. The values in
HSB[10:0] and HSE[10:0] are measured in pixel units from the
falling edge of HS. Using both values, the user can program
both the position and length of the HS output signal.
HSB[10:0] HS Begin, Address 0x34 [6:4], Address 0x35 [7:0]
The position of this edge is controlled by placing a binary
number into HSB[10:0]. The number applied offsets the edge
with respect to an internal counter that is reset to 0 immediately
after EAV code FF,00,00,XY (see Figure 19). HSB is set to
00000000010b, which is 2 LLC1 clock cycles from count[0].
The default value of HSB[10:0] is 0x002, indicating that the HS
pulse starts 2 pixels after the falling edge of HS.
HSE[10:0] HS End, Address 0x34 [2:0], Address 0x36 [7:0]
The position of this edge is controlled by placing a binary
number into HSE[10:0]. The number applied offsets the edge
with respect to an internal counter that is reset to 0 immediately
after EAV code FF,00,00,XY (see Figure 19). HSE is set to
00000000000b, which is 0 LLC1 clock cycles from count[0].
The default value of HSE[10:0] is 000, indicating that the HS
pulse ends 0 pixels after falling edge of HS.
For example:
1.
To shift the HS toward active video by 20 LLC1s, add 20
LLC1s to both HSB and HSE, i.e., HSB[10:0] =
[00000010110], HSE[10:0] = [00000010100].
2.
To shift the HS away from active video by 20 LLC1s, add
1696 LLC1s to both HSB and HSE (for NTSC), that is,
HSB[10:0] = [11010100010], HSE[10:0] = [11010100000].
1696 is derived from the NTSC total number of Pixels =
1716.
To move 20 LLC1s away from active video is equal to subtracting
20 from 1716 and adding the result in binary to both HSB[10:0]
and HSE[10:0].
PHS Polarity HS, Address 0x37 [7]
The polarity of the HS pin can be inverted using the PHS bit.
When PHS is 0 (default), HS is active high.
When PHS is 1, HS is active low.
Table 53. HS Timing Parameters (see Figure 19)
Characteristic
Standard
HS Begin Adjust
(HSB[10:0])
(default)
HS End Adjust
(HSE[10:0])(default)
HS to Active Video (LLC1
Clock Cycles)
(C in Figure 19) (default)
Active Video
Samples/Line
(D in Figure 19)
Total LLC1
Clock Cycles
(E in Figure 19)
NTSC
00000000010b
00000000000b
272
720Y + 720C = 1440
1716
NTSC Square Pixel
00000000010b
00000000000b
276
640Y + 640C = 1280
1560
PAL
00000000010b
00000000000b
284
720Y + 720C = 1440
1728
E
ACTIVE
VIDEO
LLC1
PIXEL
BUS
HS
Cr
Y
FF
00
00
XY
80
10
80
10
80
10
FF
00
00
XY
Cb
Y
Cr
Y
Cb
Y
Cr
4 LLC1
D
HSB[10:0]
HSE[10:0]
C
E
D
SAV
ACTIVE VIDEO
H BLANK
EAV
Figure 19. HS Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com