Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 36Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 37Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 38Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 39Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 40Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 41Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 42Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 43Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 40 of 177
Oct 30, 2015
RX230 Group, RX231 Group
3. Address Space
3.2
External Address Space
The external address space is divided into up to four CS areas (CS0 to CS3), each corresponding to the CSn# signal
output from a CSn# (n = 0 to 3) pin. Figure 3.2 shows the address ranges corresponding to the individual CS areas (CS0
to CS3) in on-chip ROM disabled extended mode.
Figure 3.2
Correspondence between External Address Spaces and CS Areas
(In On-Chip ROM Disabled Extended Mode)
Reserved area*
1
Reserved area*
1
Reserved area*
1
0000 0000h
0008 0000h
RAM
External address space
(CS area)
0010 0000h
Peripheral I/O registers
0500 0000h
0800 0000h
FF00 0000h
0001 0000h
External address space*
2
(CS area)
0500 0000h
0600 0000h
0700 0000h
05FF FFFFh
06FF FFFFh
07FF FFFFh
CS3 (16 Mbytes)
CS2 (16 Mbytes)
CS1 (16 Mbytes)
FFFF FFFFh
FFFF FFFFh
FF00 0000h
CS0 (16 Mbytes)
Note 1. Reserved areas should not be accessed.
Note 2. The CS0 area is disabled in on-chip ROM enabled extended mode.
In this mode, the address space for addresses above 1000 0000h is as shown in figure on this
section, Memory Map in Each Operating Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com