Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 22Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 23Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 24Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 25Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 26Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 27Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 28Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 29Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 26 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Table 1.7
List of Pins and Pin Functions (100-Pin LFQFP) (1/3)
Pin
No.
Power Supply,
Clock, System
Control
I/O Port
External Bus
Timers
(MTU, TPU, TMR, RTC,
CMT, POE, CAC)
Communications
(SCIg, SCIh, RSPI, RIIC,
CAN, USB, SSI)
Memory
Interface
(SDHI)
Touch
sensing
Others
1VREFH
2P03
DA0
3VREFL
4
PJ3
MTIOC3C
CTS6#/RTS6#/SS6#
5VCL
6
VBATT
7MD
FINED
8XCIN
9
XCOUT
10
RES#
11
XTAL
P37
12
VSS
13
EXTAL
P36
14
VCC
15
P35
NMI
16
P34
MTIOC0A/TMCI3/POE2#
SCK6
TS0
IRQ4
17
P33
MTIOC0D/TMRI3/POE3#/
TIOCD0
RXD6/SMISO6/SSCL6
TS1
IRQ3
18
P32
MTIOC0C/TMO3/TIOCC0/
RTCOUT/RTCIC2
TXD6/SMOSI6/SSDA6/
USB0_VBUSEN
IRQ2
19
P31
MTIOC4D/TMCI2/RTCIC1
CTS1#/RTS1#/SS1#/
SSISCK0
IRQ1
20
P30
MTIOC4B/TMRI3/POE8#/
RTCIC0
RXD1/SMISO1/SSCL1/
AUDIO_MCLK
IRQ0/
CMPOB3
21
P27
CS3#
MTIOC2B/TMCI3
SCK1/ SSIWS0
TS2
CVREFB3
22
P26
CS2#
MTIOC2A/TMO1
TXD1/SMOSI1/SSDA1/
SSIRXD0
TS3
CMPB3
23
P25
CS1#
MTIOC4C/MTCLKB/
TIOCA4
TS4
ADTRG0#
24
P24
CS0#
MTIOC4A/MTCLKA/TMRI1/
TIOCB4
USB0_VBUSEN
TS5
25
P23
MTIOC3D/MTCLKD/
TIOCD3
CTS0#/RTS0#/SS0#/
SSISCK0
TS6
26
P22
MTIOC3B/MTCLKC/TMO0/
TIOCC3
SCK0/ USB0_OVRCURB/
AUDIO_MCLK
TS7
27
P21
MTIOC1B/TMCI0/TIOCA3
RXD0/SMISO0/SSCL0/
USB0_EXICEN/SSIWS0
TS8
28
P20
MTIOC1A/TMRI0/TIOCB3
TXD0/SMOSI0/SSDA0/
USB0_ID/SSIRXD0
TS9
29
P17
MTIOC3A/MTIOC3B/TMO1/
POE8#/TIOCB0/TCLKD
SCK1/MISOA/SDA/
SSITXD0
IRQ7/
CMPOB2
30
P16
MTIOC3C/MTIOC3D/
TMO2/TIOCB1/TCLKC/
RTCOUT
TXD1/SMOSI1/SSDA1/
MOSIA/SCL/USB0_VBUS/
USB0_VBUSEN/
USB0_OVRCURB
IRQ6/
ADTRG0#
31
P15
MTIOC0B/MTCLKB/TMCI2/
TIOCB2/TCLKB
RXD1/SMISO1/SSCL1/
CRXD0
TS12
IRQ5/CMPB2
32
P14
MTIOC3A/MTCLKA/TMRI2/
TIOCB5/TCLKA
CTS1#/RTS1#/SS1#/
CTXD0/USB0_OVRCURA
TS13
IRQ4/
CVREFB2
33
P13
MTIOC0B/TMO3/TIOCA5
SDA
IRQ3
34
P12
TMCI1
SCL
IRQ2
35
VCC_USB*1
PH3*1
TMCI0*1
36
PH2*1
TMRI0*1
USB0_DM*1
IRQ1*1
37
PH1*1
TMO0*1
USB0_DP*1
IRQ0*1
38
VSS_USB*1
PH0*1
CACREF*1
39
P55
WAIT#
MTIOC4D/TMO3
CRXD0
TS15
40
P54
ALE
MTIOC4B/TMCI1
CTXD0
TS16
41
BCLK
P53
TS17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com