Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 70Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 71Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 72Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 73Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 74Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 75Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 76Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 77Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 74 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
000A 091Ah
CTSU
CTSU Reference Counter
CTSURC
16
16
2 or 3 PCLKB
2 ICLK
000A 091Ch
CTSU
CTSU Error Status Register
CTSUERRS
16
16
2 or 3 PCLKB
2 ICLK
000A 8300h
CAN0
Bit Configuration Register L
CFGL
16
16
2 or 3 PCLKB
2 ICLK
000A 8302h
CAN0
Bit Configuration Register H
CFGH
16
16
2 or 3 PCLKB
2 ICLK
000A 8304h
CAN0
Control Register L
CTRL
16
16
2 or 3 PCLKB
2 ICLK
000A 8306h
CAN0
Control Register H
CTRH
16
16
2 or 3 PCLKB
2 ICLK
000A 8308h
CAN0
Status Register L
STSL
16
16
2 or 3 PCLKB
2 ICLK
000A 830Ah
CAN0
Status Register H
STSH
16
16
2 or 3 PCLKB
2 ICLK
000A 830Ch
CAN0
Error Flag Register L
ERFLL
16
16
2 or 3 PCLKB
2 ICLK
000A 830Eh
CAN0
Error Flag Register H
ERFLH
16
16
2 or 3 PCLKB
2 ICLK
000A 8322h
CAN
Global Configuration Register L
GCFGL
16
16
2 or 3 PCLKB
2 ICLK
000A 8324h
CAN
Global Configuration Register H
GCFGH
16
16
2 or 3 PCLKB
2 ICLK
000A 8326h
CAN
Global Control Register L
GCTRL
16
16
2 or 3 PCLKB
2 ICLK
000A 8328h
CAN
Global Control Register H
GCTRH
16
16
2 or 3 PCLKB
2 ICLK
000A 832Ah
CAN
Global Status Register
GSTS
16
16
2 or 3 PCLKB
2 ICLK
000A 832Ch
CAN
Global Error Flag Register
GERFLL
8
8
2 or 3 PCLKB
2 ICLK
000A 832Eh
CAN
Timestamp Register
GTSC
16
16
2 or 3 PCLKB
2 ICLK
000A 8330h
CAN
Receive Rule Number Configuration Register
GAFLCFG
16
16
2 or 3 PCLKB
2 ICLK
000A 8332h
CAN
Receive Buffer Number Configuration Register
RMNB
16
16
2 or 3 PCLKB
2 ICLK
000A 8334h
CAN
Receive Buffer Receive Complete Flag Register
RMND0
16
16
2 or 3 PCLKB
2 ICLK
000A 8338h
CAN
Receive FIFO Control Register 0
RFCC0
16
16
2 or 3 PCLKB
2 ICLK
000A 833Ah
CAN
Receive FIFO Control Register 1
RFCC1
16
16
2 or 3 PCLKB
2 ICLK
000A 8340h
CAN
Receive FIFO Status Register 0
RFSTS0
16
16
2 or 3 PCLKB
2 ICLK
000A 8342h
CAN
Receive FIFO Status Register 1
RFSTS1
16
16
2 or 3 PCLKB
2 ICLK
000A 8348h
CAN
Receive FIFO Pointer Control Register 0
RFPCTR0
16
16
2 or 3 PCLKB
2 ICLK
000A 834Ah
CAN
Receive FIFO Pointer Control Register 1
RFPCTR1
16
16
2 or 3 PCLKB
2 ICLK
000A 8350h
CAN0
Transmit/Receive FIFO Control Register 0L
CFCCL0
16
16
2 or 3 PCLKB
2 ICLK
000A 8352h
CAN0
Transmit/Receive FIFO Control Register 0H
CFCCH0
16
16
2 or 3 PCLKB
2 ICLK
000A 8358h
CAN0
Transmit/Receive FIFO Status Register 0
CFSTS0
16
16
2 or 3 PCLKB
2 ICLK
000A 835Ch
CAN0
Transmit/Receive FIFO Pointer Control Register 0
CFPCTR0
16
16
2 or 3 PCLKB
2 ICLK
000A 8360h
CAN
Receive FIFO Message Lost Status Register
RFMSTS
8
8
2 or 3 PCLKB
2 ICLK
000A 8361h
CAN0
Transmit/Receive FIFO Message Lost Status Register
CFMSTS
8
8
2 or 3 PCLKB
2 ICLK
000A 8362h
CAN
Receive FIFO Interrupt Status Register
RFISTS
8
8
2 or 3 PCLKB
2 ICLK
000A 8363h
CAN
Transmit/Receive FIFO Receive Interrupt Status Register
CFISTS
8
8
2 or 3 PCLKB
2 ICLK
000A 8364h
CAN0
Transmit Buffer Control Register 0
TMC0
8
8
2 or 3 PCLKB
2 ICLK
000A 8365h
CAN0
Transmit Buffer Control Register 1
TMC1
8
8
2 or 3 PCLKB
2 ICLK
000A 8366h
CAN0
Transmit Buffer Control Register 2
TMC2
8
8
2 or 3 PCLKB
2 ICLK
000A 8367h
CAN0
Transmit Buffer Control Register 3
TMC3
8
8
2 or 3 PCLKB
2 ICLK
000A 836Ch
CAN0
Transmit Buffer Status Register 0
TMSTS0
8
8
2 or 3 PCLKB
2 ICLK
000A 836Dh
CAN0
Transmit Buffer Status Register 1
TMSTS1
8
8
2 or 3 PCLKB
2 ICLK
000A 836Eh
CAN0
Transmit Buffer Status Register 2
TMSTS2
8
8
2 or 3 PCLKB
2 ICLK
000A 836Fh
CAN0
Transmit Buffer Status Register 3
TMSTS3
8
8
2 or 3 PCLKB
2 ICLK
000A 8374h
CAN0
Transmit Buffer Transmit Request Status Register
TMTRSTS
16
16
2 or 3 PCLKB
2 ICLK
000A 8376h
CAN0
Transmit Buffer Transmit Complete Status Register
TMTCSTS
16
16
2 or 3 PCLKB
2 ICLK
000A 8378h
CAN0
Transmit Buffer Transmit Abort Status Register
TMTASTS
16
16
2 or 3 PCLKB
2 ICLK
000A 837Ah
CAN0
Transmit Buffer Interrupt Enable Register
TMIEC
16
16
2 or 3 PCLKB
2 ICLK
000A 837Ch
CAN0
Transmit History Buffer Control Register
THLCC0
16
16
2 or 3 PCLKB
2 ICLK
000A 8380h
CAN0
Transmit History Buffer Status Register
THLSTS0
16
16
2 or 3 PCLKB
2 ICLK
000A 8384h
CAN0
Transmit History Buffer Pointer Control Register
THLPCTR0
16
16
2 or 3 PCLKB
2 ICLK
000A 8388h
CAN
Global Transmit Interrupt Status Register
GTINTSTS
16
16
2 or 3 PCLKB
2 ICLK
000A 838Ah
CAN
Global RAM Window Control Register
GRWCR
16
16
2 or 3 PCLKB
2 ICLK
000A 838Ch
CAN
Global Test Configuration Register
GTSTCFG
16
16
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (32 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com