Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 2Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 3Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 4Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 5Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 6Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 7Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 8Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 9Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 6 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX230 Group
RX231 Group
100 Pins
64 Pins
48 Pins
100 Pins
64 Pins
48 Pins
External bus
External bus
16 bit
Not supported
16 bit
Not supported
Interrupts
External interrupts
NMI, IRQ0
to IRQ7
NMI, IRQ0
to IRQ2,
IRQ4 to
IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
NMI, IRQ0
to IRQ7
NMI, IRQ0
to IRQ2,
IRQ4 to
IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
DMA
DMA controller
4 channels (DMAC0 to DMAC3)
4 channels (DMAC0 to DMAC3)
Data transfer controller
Available
Available
Timers
16-bit timer pulse unit
6 channels (TPU0 to TPU5)
6 channels (TPU0 to TPU5)
Multi-function timer pulse unit 2
6 channels (MTU0 to MTU5)
6 channels (MTU0 to MTU5)
Port output enable 2
POE0# to POE3#, POE8#
POE0# to POE3#, POE8#
8-bit timer
2 channels× 2 units
2 channels× 2 units
Compare match timer
2 channels× 2 units
2 channels× 2 units
Low power timer
1 channel
1 channel
Realtime clock
Available
Not
supported
Available
Not
supported
Watchdog timer
Available
Available
Independent watchdog timer
Available
Available
Communication
functions
Serial communications
interfaces (SCIg)
6 channels
(SCI0, 1, 5,
6, 8, 9)
5 channels
(SCI1, 5, 6,
8, 9)
4 channels
(SCI1, 5, 6,
8)
6 channels
(SCI0, 1, 5,
6, 8, 9)
5 channels
(SCI1, 5, 6,
8, 9)
4 channels
(SCI1, 5, 6,
8)
IrDA interface
1 channel (SCI5)
1 channel (SCI5)
Serial communications
interfaces (SCIh)
1 channel (SCI12)
1 channel (SCI12)
I2C bus interface
1 channel
1 channel
CAN module
Not supported
1 channel
Serial peripheral interface
1 channel
1 channel
USB 2.0 host/function module
Not supported
1 channel
Serial sound interface
1 channel
1 channel
SD Host Interface
Not supported
1 channel
Capacitive touch sensing unit
24 channels 10 channels
6 channels
24 channels 10 channels
6 channels
12-bit A/D converter
(including high-precision channels)
24 channels
(8
channels)
12 channels
(6
channels)
8 channels
(4
channels)
24 channels
(8
channels)
12 channels
(6
channels)
8 channels
(4
channels)
Temperature sensor
Available
Available
D/A converter
2 channels
Not
supported
2 channels
Not
supported
CRC calculator
Available
Available
Event link controller
Available
Available
Comparator B
4 channels
4 channels
Packages
100-pin
TFLGA
100-pin
LFQFP
64-pin
WFLGA
64-pin
HWQFN
64-pin
LFQFP
48-pin
HWQFN
48-pin
LFQFP
100-pin
TFLGA
100-pin
LFQFP
64-pin
WFLGA
64-pin
HWQFN
64-pin
LFQFP
48-pin
HWQFN
48-pin
LFQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com