Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 86Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 87Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 88Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 89Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 90Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 91Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 92Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 93Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 90 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. Supply current values do not include the output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2. Clock supply to the peripheral functions is stopped. This does not include BGO operation. The clock source is PLL. BCLK,
FCLK, and PCLK are set to divided by 64.
Note 3. Clocks are supplied to the peripheral functions. This does not include BGO operation. The clock source is PLL. BCLK, FCLK,
and PCLK are the same frequency as that of ICLK.
Note 4. Values when VCC is 3.3 V.
Note 5. This is the increase when data is programmed to or erased from the ROM or E2 DataFlash during program execution.
Note 6. Clock supply to the peripheral functions is stopped. The clock source is PLL when ICLK is 12 MHz and HOCO for other cases.
BCLK, FCLK, and PCLK are set to divided by 64.
Note 7. Clocks are supplied to the peripheral functions. The clock source is PLL when ICLK is 12 MHz and HOCO for other cases.
BCLK, FCLK, and PCLK are the same frequency of that of the ICLK.
Note 8. Clock supply to the peripheral functions is stopped. The clock source is the sub oscillation circuit. BCLK, FCLK, and PCLK are
set to divided by 64.
Note 9. Clocks are supplied to the peripheral functions. The clock source is the sub oscillation circuit. BCLK, FCLK, and PCLK are the
same frequency as that of ICLK.
Note 10. This is the value when the MSTPCRA.MSTPA17 (12-bit A/D converter module stop bit) is in the module stop state.
Note 11. Clocks are supplied to the peripheral functions. This does not include BGO operation. The clock source is PLL. BCLK, FCLK,
and PCLKB are set to divided by 2 and PCLKA and PCLKD are the same frequency as that of ICLK.
Supply
current
Middle-speed
operating mode
Normal
operating mode
All peripheral
operation: Max.*7
ICLK = 12 MHz
ICC
—
16.7
mA
Sleep mode
No peripheral
operation*6
ICLK = 12 MHz
1.9
—
ICLK = 8 MHz
1.2
—
ICLK = 4 MHz
1.1
—
ICLK = 1 MHz
1.0
—
All peripheral
operation: Normal*7
ICLK = 12 MHz
6.1
—
ICLK = 8 MHz
4.4
—
ICLK = 4 MHz
3.0
—
ICLK = 1 MHz
2.0
—
Deep sleep
mode
No peripheral
operation*6
ICLK = 12 MHz
1.6
—
ICLK = 8 MHz
1.0
—
ICLK = 4 MHz
0.9
—
ICLK = 1 MHz
0.8
—
All peripheral
operation: Normal*7
ICLK = 12 MHz
5.1
—
ICLK = 8 MHz
3.7
—
ICLK = 4 MHz
2.6
—
ICLK = 1 MHz
1.8
—
Increase during BGO operation*5
2.5
—
Low-speed
operating mode
Normal
operating mode
No peripheral
operation*8
ICLK = 32 kHz
ICC
5.2
—
μA
All peripheral
operation: Normal
*9, *10
ICLK = 32 kHz
22.3
—
All peripheral
operation: Max.*9, *10
ICLK = 32 kHz
—
74.4
Sleep mode
No peripheral
operation*8
ICLK = 32 kHz
3.0
—
All peripheral
operation: Normal*9
ICLK = 32 kHz
13.1
—
Deep sleep
mode
No peripheral
operation*8
ICLK = 32 kHz
2.4
—
All peripheral
operation: Normal*9
ICLK = 32 kHz
10.5
—
Item
Symbol
Typ.
*4
Max.
Unit
Test
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com