| Electronic Components Datasheet Search |
|
PLQP0048KB-B Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PLQP0048KB-B Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 177 page ![]() R01DS0261EJ0110 Rev.1.10 Page 15 of 177 Oct 30, 2015 RX230 Group, RX231 Group 1. Overview Serial communications interface (SCIg) Simple SPI mode SCK0, SCK1, SCK5, SCK6, SCK8, SCK9 I/O Input/output pins for the clock. SMISO0, SMISO1, SMISO5, SMISO6, SMISO8, SMISO9 I/O Input/output pins for slave transmit data. SMOSI0, SMOSI1, SMOSI5, SMOSI6, SMOSI8, SMOSI9 I/O Input/output pins for master transmit data. SS0#, SS1#, SS5#, SS6#, SS8#, SS9# Input Slave-select input pins. IrDA interface IRTXD5 Output Data output pin in the IrDA format. IRRXD5 Input Data input pin in the IrDA format. Serial communications interface (SCIh) Asynchronous mode/clock synchronous mode SCK12 I/O Input/output pin for the clock. RXD12 Input Input pin for receiving data. TXD12 Output Output pin for transmitting data. CTS12# Input Input pin for controlling the start of transmission and reception. RTS12# Output Output pin for controlling the start of transmission and reception. Simple I2C mode SSCL12 I/O Input/output pin for the I2C clock. SSDA12 I/O Input/output pin for the I2C data. Simple SPI mode SCK12 I/O Input/output pin for the clock. SMISO12 I/O Input/output pin for slave transmit data. SMOSI12 I/O Input/output pin for master transmit data. SS12# Input Slave-select input pin. Extended serial mode RXDX12 Input Input pin for data reception by SCIf. TXDX12 Output Output pin for data transmission by SCIf. SIOX12 I/O Input/output pin for data reception or transmission by SCIf. I2C bus interface SCL I/O Input/output pin for I2C bus interface clocks. Bus can be directly driven by the N-channel open drain output. SDA I/O Input/output pin for I2C bus interface data. Bus can be directly driven by the N-channel open drain output. Serial peripheral interface RSPCKA I/O Input/output pin for the RSPI clock. MOSIA I/O Input/output pin for transmitting data from the RSPI master. MISOA I/O Input/output pin for transmitting data from the RSPI slave. SSLA0 I/O Input/output pin to select the slave for the RSPI. SSLA1 to SSLA3 Output Output pins to select the slave for the RSPI. Serial sound interface SSISCK0 I/O SSI serial bit clock pin. SSIWS0 I/O Word selection pin. SSITXD0 Output Serial data output pin. SSIRXD0 Input Serial data input pin. AUDIO_MCLK Input Master clock pin for audio. CAN module CRXD0 Input Input pin CTXD0 Output Output pin SD host interface SDHI_CLK Output SD clock output pin SDHI_CMD I/O SD command output, response input signal pin Table 1.5 Pin Functions (3/4) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |