Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 91Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 92Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 93Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 94Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 95Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 96Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 97Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 98Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 95 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Figure 5.5
Temperature Dependency in Software Standby Mode (Reference Data)
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Table 5.9
DC Characteristics (7)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ.
Max.
Unit
Test Conditions
Supply
current*1
RTC operation
when VCC is off
Ta = 25°C
ICC
0.8
—
μA
VBATT = 2.0 V
RCR3.RTCDV[2:0] set to low drive capacity
Ta = 55°C
0.9
—
Ta = 85°C
1.0
—
Ta = 105°C
1.2
—
Ta = 25°C
0.9
—
VBATT = 3.3 V
RCR3.RTCDV[2:0] set to low drive capacity
Ta = 55°C
1.0
—
Ta = 85°C
1.1
—
Ta = 105°C
1.3
—
Ta = 25°C
1.5
—
VBATT = 2.0 V
RCR3.RTCDV[2:0] set to normal drive
capacity
Ta = 55°C
1.8
—
Ta = 85°C
2.1
—
Ta = 105°C
2.4
—
Ta = 25°C
1.6
—
VBATT = 3.3 V
RCR3.RTCDV[2:0] set to normal drive
capacity
Ta = 55°C
1.9
—
Ta = 85°C
2.2
—
Ta = 105°C
2.5
—
-40
-20
020
40
60
80
100
0.1
1
10
100
Ta (°C)
Average value of the tested upper-limit samples during product evaluation.
Average value of the tested middle samples during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com