Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 50Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 51Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 52Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 53Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 54Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 55Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 56Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 57Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 54 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 7503h
ICU
IRQ Control Register 3
IRQCR3
8
8
2 ICLK
0008 7504h
ICU
IRQ Control Register 4
IRQCR4
8
8
2 ICLK
0008 7505h
ICU
IRQ Control Register 5
IRQCR5
8
8
2 ICLK
0008 7506h
ICU
IRQ Control Register 6
IRQCR6
8
8
2 ICLK
0008 7507h
ICU
IRQ Control Register 7
IRQCR7
8
8
2 ICLK
0008 7510h
ICU
IRQ Pin Digital Filter Enable Register 0
IRQFLTE0
8
8
2 ICLK
0008 7514h
ICU
IRQ Pin Digital Filter Setting Register 0
IRQFLTC0
16
16
2 ICLK
0008 7580h
ICU
Non-Maskable Interrupt Status Register
NMISR
8
8
2 ICLK
0008 7581h
ICU
Non-Maskable Interrupt Enable Register
NMIER
8
8
2 ICLK
0008 7582h
ICU
Non-Maskable Interrupt Status Clear Register
NMICLR
8
8
2 ICLK
0008 7583h
ICU
NMI Pin Interrupt Control Register
NMICR
8
8
2 ICLK
0008 7590h
ICU
NMI Pin Digital Filter Enable Register
NMIFLTE
8
8
2 ICLK
0008 7594h
ICU
NMI Pin Digital Filter Setting Register
NMIFLTC
8
8
2 ICLK
0008 8000h
CMT
Compare Match Timer Start Register 0
CMSTR0
16
16
2 or 3 PCLKB
2 ICLK
0008 8002h
CMT0
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
2 ICLK
0008 8004h
CMT0
Compare Match Counter
CMCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8006h
CMT0
Compare Match Constant Register
CMCOR
16
16
2 or 3 PCLKB
2 ICLK
0008 8008h
CMT1
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
2 ICLK
0008 800Ah
CMT1
Compare Match Counter
CMCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 800Ch
CMT1
Compare Match Constant Register
CMCOR
16
16
2 or 3 PCLKB
2 ICLK
0008 8010h
CMT
Compare Match Timer Start Register 1
CMSTR1
16
16
2 or 3 PCLKB
2 ICLK
0008 8012h
CMT2
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
2 ICLK
0008 8014h
CMT2
Compare Match Counter
CMCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8016h
CMT2
Compare Match Constant Register
CMCOR
16
16
2 or 3 PCLKB
2 ICLK
0008 8018h
CMT3
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
2 ICLK
0008 801Ah
CMT3
Compare Match Counter
CMCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 801Ch
CMT3
Compare Match Constant Register
CMCOR
16
16
2 or 3 PCLKB
2 ICLK
0008 8020h
WDT
WDT Refresh Register
WDTRR
8
8
2 or 3 PCLKB
2 ICLK
0008 8022h
WDT
WDT Control Register
WDTCR
16
16
2 or 3 PCLKB
2 ICLK
0008 8024h
WDT
WDT Status Register
WDTSR
16
16
2 or 3 PCLKB
2 ICLK
0008 8026h
WDT
WDT Reset Control Register
WDTRCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8030h
IWDT
IWDT Refresh Register
IWDTRR
8
8
2 or 3 PCLKB
2 ICLK
0008 8032h
IWDT
IWDT Control Register
IWDTCR
16
16
2 or 3 PCLKB
2 ICLK
0008 8034h
IWDT
IWDT Status Register
IWDTSR
16
16
2 or 3 PCLKB
2 ICLK
0008 8036h
IWDT
IWDT Reset Control Register
IWDTRCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8038h
IWDT
IWDT Count Stop Control Register
IWDTCSTPR
8
8
2 or 3 PCLKB
2 ICLK
0008 8040h
DA
D/A Data Register 0
DADR0
16
16
2 or 3 PCLKB
2 ICLK
0008 8042h
DA
D/A Data Register 1
DADR1
16
16
2 or 3 PCLKB
2 ICLK
0008 8044h
DA
D/A Control Register
DACR
8
8
2 or 3 PCLKB
2 ICLK
0008 8045h
DA
DADRm Format Select Register
DADPR
8
8
2 or 3 PCLKB
2 ICLK
0008 8046h
DA
D/A A/D Synchronous Start Control Register
DAADSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8047h
DA
D/A VREF Control Register
DAVREFCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8100h
TPU
Timer Start Register
TSTR
8
8
2 or 3 PCLKB
2 ICLK
0008 8101h
TPU
Timer Synchronous Register
TSYR
8
8
2 or 3 PCLKB
2 ICLK
0008 8108h
TPU0
Noise Filter Control Register
NFCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8109h
TPU1
Noise Filter Control Register
NFCR
8
8
2 or 3 PCLKB
2 ICLK
0008 810Ah
TPU2
Noise Filter Control Register
NFCR
8
8
2 or 3 PCLKB
2 ICLK
0008 810Bh
TPU3
Noise Filter Control Register
NFCR
8
8
2 or 3 PCLKB
2 ICLK
0008 810Ch
TPU4
Noise Filter Control Register
NFCR
8
8
2 or 3 PCLKB
2 ICLK
0008 810Dh
TPU5
Noise Filter Control Register
NFCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8110h
TPU0
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8111h
TPU0
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (12 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com