Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 69Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 70Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 71Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 72Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 73Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 74Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 75Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 76Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 73 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
000A 0098h
USB0
PIPE3 Transaction Counter Enable Register
PIPE3TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 009Ah
USB0
PIPE3 Transaction Counter Register
PIPE3TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 009Ch
USB0
PIPE4 Transaction Counter Enable Register
PIPE4TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 009Eh
USB0
PIPE4 Transaction Counter Register
PIPE4TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00A0h
USB0
PIPE5 Transaction Counter Enable Register
PIPE5TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00A2h
USB0
PIPE5 Transaction Counter Register
PIPE5TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00B0h
USB0
BC Control Register 0
USBBCCTRL0
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00CCh
USB0
USB Module Control Register
USBMC
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00D0h
USB0
Device Address 0 Configuration Register
DEVADD0
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00D2h
USB0
Device Address 1 Configuration Register
DEVADD1
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00D4h
USB0
Device Address 2 Configuration Register
DEVADD2
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00D6h
USB0
Device Address 3 Configuration Register
DEVADD3
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00D8h
USB0
Device Address 4 Configuration Register
DEVADD4
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 00DAh
USB0
Device Address 5 Configuration Register
DEVADD5
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0900h
CTSU
CTSU Control Register 0
CTSUCR0
8
8
2 or 3 PCLKB
2 ICLK
000A 0901h
CTSU
CTSU Control Register 1
CTSUCR1
8
8
2 or 3 PCLKB
2 ICLK
000A 0902h
CTSU
CTSU Synchronous Noise Reduction Setting Register
CTSUSDPRS
8
8
2 or 3 PCLKB
2 ICLK
000A 0903h
CTSU
CTSU Sensor Stabilization Wait Control Register
CTSUSST
8
8
2 or 3 PCLKB
2 ICLK
000A 0904h
CTSU
CTSU Measurement Channel Register 0
CTSUMCH0
8
8
2 or 3 PCLKB
2 ICLK
000A 0905h
CTSU
CTSU Measurement Channel Register 1
CTSUMCH1
8
8
2 or 3 PCLKB
2 ICLK
000A 0906h
CTSU
CTSU Channel Enable Control Register 0
CTSUCHAC0
8
8
2 or 3 PCLKB
2 ICLK
000A 0907h
CTSU
CTSU Channel Enable Control Register 1
CTSUCHAC1
8
8
2 or 3 PCLKB
2 ICLK
000A 0908h
CTSU
CTSU Channel Enable Control Register 2
CTSUCHAC2
8
8
2 or 3 PCLKB
2 ICLK
000A 0909h
CTSU
CTSU Channel Enable Control Register 3
CTSUCHAC3
8
8
2 or 3 PCLKB
2 ICLK
000A 090Ah
CTSU
CTSU Channel Enable Control Register 4
CTSUCHAC4
8
8
2 or 3 PCLKB
2 ICLK
000A 090Bh
CTSU
CTSU Channel Transmit/Receive Control Register 0
CTSUCHTRC0
8
8
2 or 3 PCLKB
2 ICLK
000A 090Ch
CTSU
CTSU Channel Transmit/Receive Control Register 1
CTSUCHTRC1
8
8
2 or 3 PCLKB
2 ICLK
000A 090Dh
CTSU
CTSU Channel Transmit/Receive Control Register 2
CTSUCHTRC2
8
8
2 or 3 PCLKB
2 ICLK
000A 090Eh
CTSU
CTSU Channel Transmit/Receive Control Register 3
CTSUCHTRC3
8
8
2 or 3 PCLKB
2 ICLK
000A 090Fh
CTSU
CTSU Channel Transmit/Receive Control Register 4
CTSUCHTRC4
8
8
2 or 3 PCLKB
2 ICLK
000A 0910h
CTSU
CTSU High-Pass Noise Reduction Control Register
CTSUDCLKC
8
8
2 or 3 PCLKB
2 ICLK
000A 0911h
CTSU
CTSU Status Register
CTSUST
8
8
2 or 3 PCLKB
2 ICLK
000A 0912h
CTSU
CTSU High-Pass Noise Reduction Spectrum Diffusion
Control Register
CTSUSSC
16
16
2 or 3 PCLKB
2 ICLK
000A 0914h
CTSU
CTSU Sensor Offset Register 0
CTSUSO0
16
16
2 or 3 PCLKB
2 ICLK
000A 0916h
CTSU
CTSU Sensor Offset Register 1
CTSUSO1
16
16
2 or 3 PCLKB
2 ICLK
000A 0918h
CTSU
CTSU Sensor Counter
CTSUSC
16
16
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (31 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com