Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 57Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 58Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 59Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 60Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 61Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 62Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 63Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 64Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 61 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 A0D2h
SCI6
Modulation Duty Register
MDDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A100h
SCI8
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A101h
SCI8
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
2 ICLK
0008 A102h
SCI8
Serial Control Register
SCR
8
8
2 or 3 PCLKB
2 ICLK
0008 A103h
SCI8
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A104h
SCI8
Serial Status Register
SSR
8
8
2 or 3 PCLKB
2 ICLK
0008 A105h
SCI8
Receive Data Register
RDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A106h
SCI8
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A107h
SCI8
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A108h
SCI8
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
2 ICLK
0008 A109h
SCI8
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
2 ICLK
0008 A10Ah
SCI8
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
2 ICLK
0008 A10Bh
SCI8
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
2 ICLK
0008 A10Ch
SCI8
I2C Status Register
SISR
8
8
2 or 3 PCLKB
2 ICLK
0008 A10Dh
SCI8
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A10Eh
SCI8
Transmit Data Register HL
TDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A10Eh
SCI8
Transmit Data Register H
TDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A10Fh
SCI8
Transmit Data Register L
TDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A110h
SCI8
Receive Data Register HL
RDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A110h
SCI8
Receive Data Register H
RDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A111h
SCI8
Receive Data Register L
RDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A112h
SCI8
Modulation Duty Register
MDDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A120h
SCI9
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A121h
SCI9
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
2 ICLK
0008 A122h
SCI9
Serial Control Register
SCR
8
8
2 or 3 PCLKB
2 ICLK
0008 A123h
SCI9
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A124h
SCI9
Serial Status Register
SSR
8
8
2 or 3 PCLKB
2 ICLK
0008 A125h
SCI9
Receive Data Register
RDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A126h
SCI9
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A127h
SCI9
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A128h
SCI9
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
2 ICLK
0008 A129h
SCI9
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
2 ICLK
0008 A12Ah
SCI9
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
2 ICLK
0008 A12Bh
SCI9
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
2 ICLK
0008 A12Ch
SCI9
I2C Status Register
SISR
8
8
2 or 3 PCLKB
2 ICLK
0008 A12Dh
SCI9
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
2 ICLK
0008 A12Eh
SCI9
Transmit Data Register HL
TDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A12Eh
SCI9
Transmit Data Register H
TDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A12Fh
SCI9
Transmit Data Register L
TDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A130h
SCI9
Receive Data Register HL
RDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 A130h
SCI9
Receive Data Register H
RDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 A131h
SCI9
Receive Data Register L
RDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 A132h
SCI9
Modulation Duty Register
MDDR
8
8
2 or 3 PCLKB
2 ICLK
0008 A500h
SSI0
Control Register
SSICR
32
32
2 or 3 PCLKB
2 ICLK
0008 A504h
SSI0
Status Register
SSISR
32
32
2 or 3 PCLKB
2 ICLK
0008 A510h
SSI0
FIFO Control Register
SSIFCR
32
32
2 or 3 PCLKB
2 ICLK
0008 A514h
SSI0
FIFO Status Register
SSIFSR
32
32
2 or 3 PCLKB
2 ICLK
0008 A518h
SSI0
Transmit FIFO Data Register
SSIFTDR
32
32
2 or 3 PCLKB
2 ICLK
0008 A51Ch
SSI0
Receive FIFO Data Register
SSIFRDR
32
32
2 or 3 PCLKB
2 ICLK
0008 A520h
SSI0
TDM Mode Register
SSITDMR
32
32
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (19 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com