Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 85Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 86Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 87Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 88Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 89Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 90Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 91Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 92Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 89 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Table 5.7
DC Characteristics (5)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Typ.
*4
Max.
Unit
Test
Conditions
Supply
current
*1
High-speed
operating mode
Normal
operating mode
No peripheral
operation*2
ICLK = 54 MHz
ICC
6.5
—
mA
ICLK = 32 MHz
4.1
—
ICLK = 16 MHz
2.9
—
ICLK = 8 MHz
2.2
—
ICLK = 4 MHz
1.9
—
All peripheral
operation: Normal
ICLK = 54 MHz*11
26.5
—
ICLK = 32 MHz*3
21.0
—
ICLK = 16 MHz*3
11.8
—
ICLK = 8 MHz*3
6.6
—
ICLK = 4 MHz*3
4.2
—
All peripheral
operation: Max.
ICLK = 54 MHz*11
—
53.3
ICLK = 32 MHz*3
—
40.8
Increase during
security function
operation
PCLKB = 32 MHz
—
2
Sleep mode
No peripheral
operation*2
ICLK = 54 MHz
3.5
—
ICLK = 32 MHz
2.4
—
ICLK = 16 MHz
1.9
—
ICLK = 8 MHz
1.6
—
ICLK = 4 MHz
1.5
—
All peripheral
operation: Normal
ICLK = 54 MHz*11
13.4
—
ICLK = 32 MHz*3
12.5
—
ICLK = 16 MHz*3
7.3
—
ICLK = 8 MHz*3
4.6
—
ICLK = 4 MHz*3
3.3
—
Deep sleep
mode
No peripheral
operation*2
ICLK = 54 MHz
2.3
—
ICLK = 32 MHz
1.5
—
ICLK = 16 MHz
1.3
—
ICLK = 8 MHz
1.2
—
ICLK = 4 MHz
1.1
—
All peripheral
operation: Normal
ICLK = 54 MHz*11
10.6
—
ICLK = 32 MHz*3
9.9
—
ICLK = 16 MHz*3
5.9
—
ICLK = 8 MHz*3
3.8
—
ICLK = 4 MHz*3
2.7
—
Increase during BGO operation*5
2.5
—
Middle-speed
operating mode
Normal
operating mode
No peripheral
operation*6
ICLK = 12 MHz
ICC
2.7
—
mA
ICLK = 8 MHz
1.8
—
ICLK = 4 MHz
1.4
—
ICLK = 1 MHz
1.1
—
All peripheral
operation: Normal*7
ICLK = 12 MHz
9.6
—
ICLK = 8 MHz
6.2
—
ICLK = 4 MHz
3.8
—
ICLK = 1 MHz
2.3
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com