Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 82Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 83Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 84Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 85Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 86Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 87Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 88Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 89Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 86 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. Use AVCC0 and VCC under the following conditions:
AVCC0 and VCC can be set individually within the operating range when VCC
≥ 2.0 V
AVCC0 = VCC when VCC
˂ 2.0 V
Note 2. When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the AVCC0 pin.
Table 5.2
Recommended Operating Voltage Conditions
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltages
VCC*1, *2
When USB is not used
1.8
—
5.5
V
When USB is used
When USB regulator is not used
3.0
—
3.6
When USB is used
When USB regulator is used
4.0
—
5.5
VSS
—
0
—
USB power supply voltages
VCC_USB
When USB regulator is not used
—
VCC
—
V
VSS_USB
—
0
—
VBATT power supply voltage
VBATT
1.8
—
5.5
V
Analog power supply voltages
AVCC0*1, *2
1.8
—
5.5
V
AVSS0
—
0
—
VREFH0
1.8
—
AVCC0
VREFL0
—
0
—
VREFH
1.8
—
AVCC0
VREFL
—
0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com