Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 84Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 85Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 86Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 87Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 88Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 89Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 90Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 91Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 88 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Table 5.4
DC Characteristics (2)
Conditions: 1.8 V
≤ VCC = VCC_USB < 2.7 V, 1.8 V ≤ AVCC0 < 2.7 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
Ports 12, 13, 16, 17, port B5
(5 V tolerant)
VIH
VCC × 0.8
—
5.8
V
Ports 14 to 15, ports 20 to 27,
ports 30 to 37, ports 50 to 55,
ports A0 to A7,
ports B0 to B4, B6, B7,
ports C0 to C7,
ports D0 to D7,
ports E0 to E7,
port J3, RES
VCC × 0.8
—
VCC + 0.3
Ports 03, 05, 07, ports 40 to 47
AVCC0 × 0.8
—
AVCC0 + 0.3
Ports 03, 05, 07, ports 40 to 47
VIL
–0.3
—
AVCC0 × 0.2
Ports other than above
–0.3
—
VCC × 0.2
Ports 03, 05, 07, ports 40 to 47
∆V
T
AVCC0 × 0.01
—
—
Ports other than above
VCC × 0.01
—
—
Input level
voltage (except
for Schmitt
trigger input
pins)
MD
VIH
VCC × 0.9
—
VCC + 0.3
V
EXTAL (external clock input)
VCC × 0.8
—
VCC + 0.3
MD
VIL
–0.3
—
VCC × 0.1
EXTAL (external clock input)
–0.3
—
VCC × 0.2
Table 5.5
DC Characteristics (3)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input leakage current
RES#, MD, port 35
I
in
——
1.0
μAV
in = 0 V, VCC
Three-state leakage
current (off-state)
Ports for 5 V tolerant
I
TSI
——
1.0
μAV
in = 0 V, 5.8V
Ports except for 5 V tolerant
—
—
0.2
μAV
in = 0 V, VCC
Input capacitance
All input pins
(except for port 35, USB0_DM,
USB0_DP)
Cin
—
—
15
pF
Vin = 0 mV,
f = 1 MHz,
Ta = 25°C
Port 35, USB0_DM, USB0_DP
—
—
30
Table 5.6
DC Characteristics (4)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input pull-up resistor
All ports
(except for port 35)
RU
10
20
50
k
Ω
Vin = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com