Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 79Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 80Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 81Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 82Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 83Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 84Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 85Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 86Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 83 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
000D 0B86h
MTU1
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
000D 0B88h
MTU1
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
000D 0B8Ah
MTU1
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
000D 0B90h
MTU1
Timer Input Capture Control Register
TICCR
8
8
2 or 3 PCLKB
2 ICLK
000D 0C00h
MTU2
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
000D 0C01h
MTU2
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
000D 0C02h
MTU2
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
2 ICLK
000D 0C04h
MTU2
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
000D 0C05h
MTU2
Timer Status Register
TSR
8
8
2 or 3 PCLKB
2 ICLK
000D 0C06h
MTU2
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
000D 0C08h
MTU2
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
000D 0C0Ah
MTU2
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
000D 0C80h
MTU5
Timer Counter U
TCNTU
16
16
2 or 3 PCLKB
2 ICLK
000D 0C82h
MTU5
Timer General Register U
TGRU
16
16
2 or 3 PCLKB
2 ICLK
000D 0C84h
MTU5
Timer Control Register U
TCRU
8
8
2 or 3 PCLKB
2 ICLK
000D 0C86h
MTU5
Timer I/O Control Register U
TIORU
8
8
2 or 3 PCLKB
2 ICLK
000D 0C90h
MTU5
Timer Counter V
TCNTV
16
16
2 or 3 PCLKB
2 ICLK
000D 0C92h
MTU5
Timer General Register V
TGRV
16
16
2 or 3 PCLKB
2 ICLK
000D 0C94h
MTU5
Timer Control Register V
TCRV
8
8
2 or 3 PCLKB
2 ICLK
000D 0C96h
MTU5
Timer I/O Control Register V
TIORV
8
8
2 or 3 PCLKB
2 ICLK
000D 0CA0h
MTU5
Timer Counter W
TCNTW
16
16
2 or 3 PCLKB
2 ICLK
000D 0CA2h
MTU5
Timer General Register W
TGRW
16
16
2 or 3 PCLKB
2 ICLK
000D 0CA4h
MTU5
Timer Control Register W
TCRW
8
8
2 or 3 PCLKB
2 ICLK
000D 0CA6h
MTU5
Timer I/O Control Register W
TIORW
8
8
2 or 3 PCLKB
2 ICLK
000D 0CB2h
MTU5
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
000D 0CB4h
MTU5
Timer Start Register
TSTR
8
8
2 or 3 PCLKB
2 ICLK
000D 0CB6h
MTU5
Timer Compare Match Clear Register
TCNTCMPCLR
8
8
2 or 3 PCLKB
2 ICLK
007F C090h
FLASH
E2 DataFlash Control Register
DFLCTL
8
8
2 or 3 PCLKB
2 ICLK
007F C0ACh
TEMPSA
Temperature Sensor Calibration Data Register L
TSCDRL
8
8
2 or 3 PCLKB
2 ICLK
007F C0ADh
TEMPSA
Temperature Sensor Calibration Data Register H
TSCDRH
8
8
2 or 3 PCLKB
2 ICLK
007F C100h
FLASH
Flash P/E Mode Control Register
FPMCR
8
8
2 or 3 PCLKB
2 ICLK
007F C104h
FLASH
Flash Area Select Register
FASR
8
8
2 or 3 PCLKB
2 ICLK
007F C108h
FLASH
Flash Processing Start Address Register L
FSARL
16
16
2 or 3 PCLKB
2 ICLK
007F C110h
FLASH
Flash Processing Start Address Register H
FSARH
16
16
2 or 3 PCLKB
2 ICLK
007F C114h
FLASH
Flash Control Register
FCR
8
8
2 or 3 PCLKB
2 ICLK
007F C118h
FLASH
Flash Processing End Address Register L
FEARL
16
16
2 or 3 PCLKB
2 ICLK
007F C120h
FLASH
Flash Processing End Address Register H
FEARH
16
16
2 or 3 PCLKB
2 ICLK
007F C124h
FLASH
Flash Reset Register
FRESETR
8
8
2 or 3 PCLKB
2 ICLK
007F C12Ch
FLASH
Flash Status Register 1
FSTATR1
8
8
2 or 3 PCLKB
2 ICLK
007F C130h
FLASH
Flash Write Buffer Register 0
FWB0
16
16
2 or 3 PCLKB
2 ICLK
007F C138h
FLASH
Flash Write Buffer Register 1
FWB1
16
16
2 or 3 PCLKB
2 ICLK
007F C140h
FLASH
Flash Write Buffer Register 2
FWB2
16
16
2 or 3 PCLKB
2 ICLK
007F C144h
FLASH
Flash Write Buffer Register 3
FWB3
16
16
2 or 3 PCLKB
2 ICLK
007F C180h
FLASH
Protection Unlock Register
FPR
8
8
2 or 3 PCLKB
2 ICLK
007F C184h
FLASH
Protection Unlock Status Register
FPSR
8
8
2 or 3 PCLKB
2 ICLK
007F C1C0h
FLASH
Flash Start-Up Setting Monitor Register
FSCMR
16
16
2 or 3 PCLKB
2 ICLK
007F C1C8h
FLASH
Flash Access Window Start Address Monitor Register
FAWSMR
16
16
2 or 3 PCLKB
2 ICLK
007F C1D0h
FLASH
Flash Access Window End Address Monitor Register
FAWEMR
16
16
2 or 3 PCLKB
2 ICLK
007F C1D8h
FLASH
Flash Initial Setting Register
FISR
8
8
2 or 3 PCLKB
2 ICLK
007F C1DCh
FLASH
Flash Extra Area Control Register
FEXCR
8
8
2 or 3 PCLKB
2 ICLK
007F C1E0h
FLASH
Flash Error Address Monitor Register L
FEAML
16
16
2 or 3 PCLKB
2 ICLK
007F C1E8h
FLASH
Flash Error Address Monitor Register H
FEAMH
8
8
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (41 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com