Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 59Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 60Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 61Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 62Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 63Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 64Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 65Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 66Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 63 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 AC4Ch
SDHI
Transfer Data Size Register
SDSIZE
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC50h
SDHI
Card Access Option Register
SDOPT
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC58h
SDHI
SD Error Status Register 1
SDERSTS1
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC5Ch
SDHI
SD Error Status Register 2
SDERSTS2
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC60h
SDHI
SD Buffer Register
SDBUFR
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC68h
SDHI
SDIO Mode Control Register
SDIOMD
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC6Ch
SDHI
SDIO Status Register
SDIOSTS
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 AC70h
SDHI
SDIO Interrupt Mask Register
SDIOIMSK
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 ADB0h
SDHI
DMA Transfer Enable Register
SDDMAEN
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 ADC0h
SDHI
SDHI Software Reset Register
SDRST
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 ADE0h
SDHI
Swap Control Register
SDSWAP
32
32
3 or 4 PCLKB
cycles when
reading,
2 or 3 PCLKB
cycles when
writing
3 ICLK cycles when
reading,
2 ICLK cycles when
writing
0008 B000h
CAC
CAC Control Register 0
CACR0
8
8
2 or 3 PCLKB
2 ICLK
0008 B001h
CAC
CAC Control Register 1
CACR1
8
8
2 or 3 PCLKB
2 ICLK
0008 B002h
CAC
CAC Control Register 2
CACR2
8
8
2 or 3 PCLKB
2 ICLK
0008 B003h
CAC
CAC Interrupt Request Enable Register
CAICR
8
8
2 or 3 PCLKB
2 ICLK
0008 B004h
CAC
CAC Status Register
CASTR
8
8
2 or 3 PCLKB
2 ICLK
0008 B006h
CAC
CAC Upper-Limit Value Setting Register
CAULVR
16
16
2 or 3 PCLKB
2 ICLK
0008 B008h
CAC
CAC Lower-Limit Value Setting Register
CALLVR
16
16
2 or 3 PCLKB
2 ICLK
0008 B00Ah
CAC
CAC Counter Buffer Register
CACNTBR
16
16
2 or 3 PCLKB
2 ICLK
0008 B080h
DOC
DOC Control Register
DOCR
8
8
2 or 3 PCLKB
2 ICLK
0008 B082h
DOC
DOC Data Input Register
DODIR
16
16
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (21 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com