Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 77Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 78Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 79Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 80Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 81Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 82Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 83Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 84Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 81 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
000A 8622h
CAN0
Transmit Buffer Register 2AH
TMIDH2
16
16
2 or 3 PCLKB
2 ICLK
000A 8622h
CAN
RAM Test Register 81
RPGACC81
16
16
2 or 3 PCLKB
2 ICLK
000A 8624h
CAN
RAM Test Register 82
RPGACC82
16
16
2 or 3 PCLKB
2 ICLK
000A 8626h
CAN0
Transmit Buffer Register 2BH
TMPTR2
16
16
2 or 3 PCLKB
2 ICLK
000A 8626h
CAN
RAM Test Register 83
RPGACC83
16
16
2 or 3 PCLKB
2 ICLK
000A 8628h
CAN0
Transmit Buffer Register 2CL
TMDF02
16
16
2 or 3 PCLKB
2 ICLK
000A 8628h
CAN
RAM Test Register 84
RPGACC84
16
16
2 or 3 PCLKB
2 ICLK
000A 862Ah
CAN0
Transmit Buffer Register 2CH
TMDF12
16
16
2 or 3 PCLKB
2 ICLK
000A 862Ah
CAN
RAM Test Register 85
RPGACC85
16
16
2 or 3 PCLKB
2 ICLK
000A 862Ch
CAN0
Transmit Buffer Register 2DL
TMDF22
16
16
2 or 3 PCLKB
2 ICLK
000A 862Ch
CAN
RAM Test Register 86
RPGACC86
16
16
2 or 3 PCLKB
2 ICLK
000A 862Eh
CAN0
Transmit Buffer Register 2DH
TMDF32
16
16
2 or 3 PCLKB
2 ICLK
000A 862Eh
CAN
RAM Test Register 87
RPGACC87
16
16
2 or 3 PCLKB
2 ICLK
000A 8630h
CAN0
Transmit Buffer Register 3AL
TMIDL3
16
16
2 or 3 PCLKB
2 ICLK
000A 8630h
CAN
RAM Test Register 88
RPGACC88
16
16
2 or 3 PCLKB
2 ICLK
000A 8632h
CAN0
Transmit Buffer Register 3AH
TMIDH3
16
16
2 or 3 PCLKB
2 ICLK
000A 8632h
CAN
RAM Test Register 89
RPGACC89
16
16
2 or 3 PCLKB
2 ICLK
000A 8634h
CAN
RAM Test Register 90
RPGACC90
16
16
2 or 3 PCLKB
2 ICLK
000A 8636h
CAN0
Transmit Buffer Register 3BH
TMPTR3
16
16
2 or 3 PCLKB
2 ICLK
000A 8636h
CAN
RAM Test Register 91
RPGACC91
16
16
2 or 3 PCLKB
2 ICLK
000A 8638h
CAN0
Transmit Buffer Register 3CL
TMDF03
16
16
2 or 3 PCLKB
2 ICLK
000A 8638h
CAN
RAM Test Register 92
RPGACC92
16
16
2 or 3 PCLKB
2 ICLK
000A 863Ah
CAN0
Transmit Buffer Register 3CH
TMDF13
16
16
2 or 3 PCLKB
2 ICLK
000A 863Ah
CAN
RAM Test Register 93
RPGACC93
16
16
2 or 3 PCLKB
2 ICLK
000A 863Ch
CAN0
Transmit Buffer Register 3DL
TMDF23
16
16
2 or 3 PCLKB
2 ICLK
000A 863Ch
CAN
RAM Test Register 94
RPGACC94
16
16
2 or 3 PCLKB
2 ICLK
000A 863Eh
CAN0
Transmit Buffer Register 3DH
TMDF33
16
16
2 or 3 PCLKB
2 ICLK
000A 863Eh
CAN
RAM Test Register 95
RPGACC95
16
16
2 or 3 PCLKB
2 ICLK
000A 8640h
to
000A 867Eh
CAN
RAM Test Register 96 to 127
RPGACC96 to
127
16
16
2 or 3 PCLKB
2 ICLK
000A 8680h
CAN0
Transmit History Buffer Access Register
THLACC0
16
16
2 or 3 PCLKB
2 ICLK
000D 0A00h
MTU3
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
000D 0A01h
MTU4
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
000D 0A02h
MTU3
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
000D 0A03h
MTU4
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
000D 0A04h
MTU3
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
2 ICLK
000D 0A05h
MTU3
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
2 ICLK
000D 0A06h
MTU4
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
2 ICLK
000D 0A07h
MTU4
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
2 ICLK
000D 0A08h
MTU3
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
000D 0A09h
MTU4
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
000D 0A0Ah
MTU
Timer Output Master Enable Register
TOER
8
8
2 or 3 PCLKB
2 ICLK
000D 0A0Dh
MTU
Timer Gate Control Register
TGCR
8
8
2 or 3 PCLKB
2 ICLK
000D 0A0Eh
MTU
Timer Output Control Register 1
TOCR1
8
8
2 or 3 PCLKB
2 ICLK
000D 0A0Fh
MTU
Timer Output Control Register 2
TOCR2
8
8
2 or 3 PCLKB
2 ICLK
000D 0A10h
MTU3
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
000D 0A12h
MTU4
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
000D 0A14h
MTU
Timer Cycle Data Register
TCDR
16
16
2 or 3 PCLKB
2 ICLK
000D 0A16h
MTU
Timer Dead Time Data Register
TDDR
16
16
2 or 3 PCLKB
2 ICLK
000D 0A18h
MTU3
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
000D 0A1Ah
MTU3
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
000D 0A1Ch
MTU4
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (39 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com