Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F6488P/080PR Datasheet(PDF) 107 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 107 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 152 page
background image
SH79F6488/SH79F6489
107
Table 8.29 AD Converter Data Register
91H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADDL
-
-
-
-
A3
A2
A1
A0
R/W
-
-
-
-
R
R
R
R
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
0
0
0
0
96H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADDM
A11
A10
A9
A8
A7
A6
A5
A4
R/W
R
R
R
R
R
R
R
R
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
97H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADDH
A19
A18
A17
A16
A15
A14
A13
A12
R/W
R
R
R
R
R
R
R
R
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
19-0
A19-A0
20-bit ADC data register
Note:
(1) ADC conversion result is stored in A19-A0. The A19 is the sign bit of ADC data. Refer to the following formula to calculate
ADC conversion data value:
ADC data = ((VIN+) - (VIN-))/VREF X 524288
If ADCDF = 0, ADC output data is bipolar mode (complement)
When (VIN+) > (VIN-) is positive, A19 is 0 which means the ADC data is positive. The ADC value is A19-A0;
When (VIN+) < (VIN-) is negative, A19 is 1 which means the ADC data is negative. The ADC value is 100000H minus
A19-A0.
If ADCDF = 1, ADC output data is unipolar mode
When (VIN+) = (VIN-) , ADC data = 80000H;
When (VIN+) > (VIN-) , ADC data > 80000H;
When (VIN+) < (VIN-) , ADC data < 80000H;
(2) Due to the zero offset voltage ADC or PGA, actual output will has certain error code value.
(3) When the ADC conversion is complete, the data register will not be updated.
(4) To obtain maximum range of ADC output, the maximum absolute of ADC input voltage of ((VIN+) - (VIN-)) should be close
to reference voltage value, bit can’t over the reference voltage value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com