Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F6488P/080PR Datasheet(PDF) 130 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 130 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 126Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 127Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 128Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 129Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 130Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 131Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 132Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 133Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 134Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 152 page
background image
SH79F6488/SH79F6489
130
8.14 Code Option
OP_WDT:
0: Disable WDT function (default)
1: Enable WDT function
OP_WDTPD:
0: Disable WDT function in Power-Down mode (default)
1: Enable WDT function in Power-Down mode
Note: invalid when base timer or LCD on in Power-Down mode
OP_RST:
0: P4.7 used as RST pin (default)
1: P4.7 used as I/O pin
OP_WMT: (unavailable for 32kHz crystal and Internal RC)
00: longest warm up time (default)
01: longer warm up time
10: shorter warm up time
11: shortest warm up time
OP_CRMC:
0: Other oscillator types exclude 400k-2M ceramic is used (default)
1: 400k-2M ceramic is used
OP_LVREN:
0: Disable LVR function (default)
1: Enable LVR function
OP_LVRLEVEL:
0: 3.1V LVR level 1 (default)
1: 4.0V LVR level 2
OP_SCM:
0: SCM is invalid in warm up period (default)
1: SCM is valid in warm up period
OP_OSC:
0000: Oscillator1 is internal 12M RC (default)
1010: Oscillator1 is 32.768k crystal oscillator, oscillator2 is internal 12M RC
1101: Oscillator1 is 32.768k crystal oscillator, oscillator2 is 400k-16MHz crystal/ceramic oscillator
Others: Oscillator1 is internal 12M RC
OP_ISP:
0: Enable ISP function (default)
1: Disable ISP function
OP_ISPPIN:
0: Enter ISP mode only when P8.6 and P8.7 are connected to GND, simultaneously (default)
1: Enter ISP mode directly regardless the condition of P8.6 and P8.7
Note: When OP_ISP[7] = 0 available
OP_OSCDRV:
00: Oscillator drive ability: weak
01: Oscillator drive ability: normal (default)
10: Oscillator drive ability: strong
Note: Normal ability is recommend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com