Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F6488P/080PR Datasheet(PDF) 128 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 128 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 124Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 125Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 126Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 127Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 128Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 129Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 130Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 131Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 132Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 152 page
background image
SH79F6488/SH79F6489
128
8.12.4 Registers
Table 8.49 Power Control Register
87H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PCON
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
SMOD
Baud rate double bit
6
SSTAT
SCON[7:5] function selection bit
3-2
GF[1:0]
General purpose flags for software use
1
PD
Power-Down mode control bit
0: Cleared by hardware when an interrupt or reset occurs
1: Set by software to activate the Power-Down mode
0
IDL
Idle mode control bit
0: Cleared by hardware when an interrupt or reset occurs
1: Set by software to activate the Idle mode
Table 8.50 Suspend Mode Control Register
8EH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SUSLO
SUSLO.7
SUSLO.6
SUSLO.5
SUSLO.4
SUSLO.3
SUSLO.2
SUSLO.1
SUSLO.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
SUSLO[7:0]
This register is used to control the CPU enter suspend mode (Idle or Power-Down).
Only consecutive instructions like below will make CPU enter suspend mode. Other
wise the either SUSLO, IDL or PD bit will be cleared by hardware in the next
machine cycle.
Example:
IDLE_MODE:
MOV
SUSLO, #55H
ORL
PCON, #01H
NOP
NOP
NOP
POWERDOWN_MODE:
MOV
SUSLO, #55H
ORL
PCON, #02H
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com