Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F6488P/080PR Datasheet(PDF) 125 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 125 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 121Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 122Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 123Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 124Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 125Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 126Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 127Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 128Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 129Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 152 page
background image
SH79F6488/SH79F6489
125
8.11 Watchdog Timer (WDT) and Reset State
8.11.1 Features
 Auto detect Program Counter(PC) over range, and generate OVL Reset
 WDT runs even in the Power-Down mode
 Selectable different WDT overflow frequency
OVL Reset
To enhance the anti-noise ability, SH79F6488/SH79F6489 built in Program Counter (PC) over range detect circuit, if program
counter value is larger than flash romsize, or detect operation code equal to A5H which is not exist in 8051 instruction set, a
OVL reset will be generate to reset CPU, and set WDOF bit. So, to make use of this feature, you should fill unused flash rom
with A5H.
Watchdog Timer
The watchdog timer is a down counter, and its clock source is an independent built-in RC oscillator, so it always runs even in the
Power-Down mode. The watchdog timer will generate a device reset when it overflows. It can be enabled or disabled
permanently by the code option.
The watchdog timer control bits (WDT.2-0) are used to select different overflow frequency. The watchdog timer overflow flag
(WDOF) will be automatically set to “1” by hardware when overflow happens. To prevent overflow happen, by reading or writing
the WDT register RSTSTAT, the watchdog timer should re-count before the overflow happens.
Note: After base timer or LCD on, if WDT is on ,WDT cannot be turn off in Power-Down mode. Therefore, users need to read or
write RSTSTAT register in case to WDT overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com