Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 43Page - STMicroelectronics STM32H7A3AII Datasheet HTML 44Page - STMicroelectronics STM32H7A3AII Datasheet HTML 45Page - STMicroelectronics STM32H7A3AII Datasheet HTML 46Page - STMicroelectronics STM32H7A3AII Datasheet HTML 47Page - STMicroelectronics STM32H7A3AII Datasheet HTML 48Page - STMicroelectronics STM32H7A3AII Datasheet HTML 49Page - STMicroelectronics STM32H7A3AII Datasheet HTML 50Page - STMicroelectronics STM32H7A3AII Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 237 page
background image
Figure 18. WLCSP132 (STM32H7A3xI with SMPS) ballout
PD3
4
PD4
PD0
PC11
VSS
PB11
VCAP
PA14
PA9
PD11
PB15
VSS
VDD
PC10
VSS
PG10
VDD
PB3
BOOT0
VCAP
VDDLDO
VDD
1
2
3
5
6
7
8
9
10
11
12
A
B
C
D
E
F
G
H
J
K
L
VDDLDO
VSS
PC12
VDD
MMC
PG11
VSS
VDDMMC
PB8
VSS
VDD
PC14-
OSC32_
IN
PA12
VCAP
PA15
PD5
PB6
PE1
PE6
PC15-
OSC32_
OUT
VSS
PA11
PA10
PA13
PE5
VBAT
VSSSMPS
PC7
PC9
PA8
PC13
VFBSMPS VLXSMPS
VDD33
USB
VDD50
USB
VSS
VDDSMPS
VDD
VSS
PH0-
OSC_IN
VDD
PD15
PD13
PD8
VDD
PC1
PH1-
OSC_OUT
PD14
PD9
PB14
VDDA
VREF+
PC2
PD10
PB13
VDDLDO
PE12
PB0
PA7
PA4
PA0
VSSA
VDD
PB12
VDD
PE13
VDD
PE7
PB2
VSS
VDD
PA5
VSS
PG12
PG14
PD2
PG9
PG13
PB7
PDR_ON
PD6
PB5
PE10
PA6
PC6
PD12
PE11
PE9
PB1
PC5
PA3
VSS
PF14
PE3
PE4
PC3
VSS
NRST
PC0
PB9
PD1
PD7
PB4
PB10
PE0
PE15
PA1
PE8
PC4
PE14
PA2
1.
The above figure shows the package top view.
Table 6. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin
function during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
ANA
Analog-only Input
I/O structure
FT
5 V tolerant I/O
TT
3.3 V tolerant I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with
embedded weak pull-up resistor
Option for TT and FT I/Os
_f
I2C FM+ option
_a
analog option (supplied by VDDA)
_u
USB option (supplied by
VDD33USB)
_h0 (1)
High-speed low voltage (mainly
SDMMC2 on VDDMMC power rail)
_h1(1)
High-speed low voltage (mainly
for OCTOSPI)
_h2(1)
High-speed low voltage (mainly
for FMC)
_h3(1)
High-speed low voltage
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 47/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com