Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 2 Page - STMicroelectronics

  STM32H7A3AII Datasheet HTML 1Page - STMicroelectronics STM32H7A3AII Datasheet HTML 2Page - STMicroelectronics STM32H7A3AII Datasheet HTML 3Page - STMicroelectronics STM32H7A3AII Datasheet HTML 4Page - STMicroelectronics STM32H7A3AII Datasheet HTML 5Page - STMicroelectronics STM32H7A3AII Datasheet HTML 6Page - STMicroelectronics STM32H7A3AII Datasheet HTML 7Page - STMicroelectronics STM32H7A3AII Datasheet HTML 8Page - STMicroelectronics STM32H7A3AII Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 237 page
background image
Reset and power management
•
2 separate power domains, which can be independently clock gated to maximize power efficiency:
–
CPU domain (CD) for Arm® Cortex® core and its peripherals, which can be independently switched in
Retention mode
–
Smart run domain (SRD) for reset and clock control, power management and some peripherals
•
1.62 to 3.6 V application supply and I/Os
•
POR, PDR, PVD and BOR
•
Dedicated USB power embedding a 3.3 V internal regulator to supply the internal PHYs
•
Dedicated SDMMC power supply
•
High power efficiency SMPS step-down converter regulator to directly supply VCORE or an external circuitry
•
Embedded regulator (LDO) with configurable scalable output to supply the digital circuitry
•
Voltage scaling in Run and Stop mode
•
Backup regulator (~0.9 V)
•
Low-power modes: Sleep, Stop and Standby
•
VBAT battery operating mode with charging capability
•
CPU and domain power state monitoring pins
Interconnect matrix
•
3 bus matrices (1 AXI and 2 AHB)
•
Bridges (5× AHB2APB, 3× AXI2AHB)
5 DMA controllers to unload the CPU
•
1× high-speed general-purpose master direct memory access controller (MDMA)
•
2× dual-port DMAs with FIFO and request router capabilities
•
1× basic DMA with request router capabilities
•
1x basic DMA dedicated to DFSDM
Up to 35 communication peripherals
•
4× I2C FM+ interfaces (SMBus/PMBus)
•
5× USART/5x UARTs (ISO7816 interface, LIN, IrDA, modem control) and 1x LPUART
•
6× SPIs, including 4 with muxed full-duplex I2S audio class accuracy via internal audio PLL or external clock
and 1 x SPI/I2S in LP domain (up to 125 MHz)
•
2x SAIs (serial audio interface)
•
SPDIFRX interface
•
SWPMI single-wire protocol master interface
•
MDIO Slave interface
•
2× SD/SDIO/MMC interfaces (up to 133 MHz)
•
2× CAN controllers: 2 with CAN FD, 1 with time-triggered CAN (TT-CAN)
•
1× USB OTG interfaces (1HS/FS)
•
HDMI-CEC
•
8- to 14-bit camera interface up to 80 MHz
•
8-/16-bit parallel synchronous data input/output slave interface (PSSI)
11 analog peripherals
•
2× ADCs with 16-bit max. resolution (up to 24 channels, up to 3.6 MSPS)
•
1× analog and 1x digital temperature sensors
•
1× 12-bit single-channel DAC (in SRD domain) + 1× 12-bit dual-channel DAC
•
2× ultra-low-power comparators
•
2× operational amplifiers (8 MHz bandwidth)
•
2× digital filters for sigma delta modulator (DFSDM), 1x with 8 channels/8 filters and 1x in SRD domain with 2
channels/1 filter
STM32H7A3xI/G
DS13195 - Rev 8
page 2/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com