Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 61Page - STMicroelectronics STM32H7A3AII Datasheet HTML 62Page - STMicroelectronics STM32H7A3AII Datasheet HTML 63Page - STMicroelectronics STM32H7A3AII Datasheet HTML 64Page - STMicroelectronics STM32H7A3AII Datasheet HTML 65Page - STMicroelectronics STM32H7A3AII Datasheet HTML 66Page - STMicroelectronics STM32H7A3AII Datasheet HTML 67Page - STMicroelectronics STM32H7A3AII Datasheet HTML 68Page - STMicroelectronics STM32H7A3AII Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
91
A6
132
F7
C6
C6
164
E7
57
C5
91
135
A6
163
A8
PB5
I/O
FT_h0
TIM17_BKIN,
TIM3_CH2,
I2C1_SMBA,
SPI1_MOSI/I2S1_SDO,
I2C4_SMBA,
SPI3_MOSI/I2S3_SDO,
SPI6_MOSI/I2S6_SDO,
FDCAN2_RX,
OTG_HS_ULPI_D7,
LCD_B5,
FMC_SDCKE1,
DCMI_D10/PSSI_D10,
UART5_RX,
EVENTOUT
-
92
D4
133
C8
A5
A5
165
A4
58
B5
92
136
B6
164
B6
PB6
I/O
FT_f
TIM16_CH1N,
TIM4_CH1, I2C1_SCL,
HDMI_CEC, I2C4_SCL,
USART1_TX,
LPUART1_TX,
FDCAN2_TX,
OCTOSPIM_P1_NCS,
DFSDM1_DATIN5,
FMC_SDNE1,
DCMI_D5/PSSI_D5,
UART5_TX,
EVENTOUT
-
93
B5
134
D8
D6
B5
166
D6
59
A5
93
137
B5
165
B5
PB7
I/O
FT_fa
TIM17_CH1N,
TIM4_CH2,
I2C1_SDA, I2C4_SDA,
USART1_RX,
LPUART1_RX,
DFSDM1_CKIN5,
FMC_NL,
DCMI_VSYNC/
PSSI_RDY,
EVENTOUT
PVD_IN
94
A5
135
A9
E6
C5
167
C5
60
D5
94
138
D6
166
E6
BOOT0
I
B
-
VPP
95
A4
136
B9
B5
A2
168
B4
61
B4
95
139
A5
167
A7
PB8
I/O
FT_fsh3
TIM16_CH1,
TIM4_CH3,
DFSDM1_CKIN7,
I2C1_SCL, I2C4_SCL,
SDMMC1_CKIN,
UART4_RX,
FDCAN1_RX,
SDMMC2_D4,
SDMMC1_D4,
DCMI_D6/PSSI_D6,
LCD_B6, EVENTOUT
-
96
E3
137
E8
C5
B3
169
A3
62
A4
96
140
B4
168
B4
PB9
I/O
FT_fsh3
TIM17_CH1,
TIM4_CH4,
DFSDM1_DATIN7,
I2C1_SDA, SPI2_SS/
I2S2_WS, I2C4_SDA,
SDMMC1_CDIR,
UART4_TX,
FDCAN1_TX,
SDMMC2_D5,
I2C4_SMBA,
SDMMC1_D5,
DCMI_D7/PSSI_D7,
LCD_B7, EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 65/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com