Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 44Page - STMicroelectronics STM32H7A3AII Datasheet HTML 45Page - STMicroelectronics STM32H7A3AII Datasheet HTML 46Page - STMicroelectronics STM32H7A3AII Datasheet HTML 47Page - STMicroelectronics STM32H7A3AII Datasheet HTML 48Page - STMicroelectronics STM32H7A3AII Datasheet HTML 49Page - STMicroelectronics STM32H7A3AII Datasheet HTML 50Page - STMicroelectronics STM32H7A3AII Datasheet HTML 51Page - STMicroelectronics STM32H7A3AII Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 237 page
background image
Name
Abbreviation
Definition
I/O structure
_s
Secondary supply (supplied by
VDDMMC) (2)
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs
during and after reset.
Pin functions
Alternate functions
Functions selected through GPIOx_AFR registers
Additional functions
Functions directly selected/enabled through peripheral registers
1. Refer to SYSCFG_CCCSR register in the device reference manual for how to set a group of I/Os in High-speed low-voltage mode.
Depending on the chosen I/Os (for example OCTOSPI), it can belong to several groups of I/Os and several HSLVx bits need to be set (refer
to Table Pin/ball definition). Take care that the VDDIO_HSLV and/or VDDMMC_HSLV option bits must also be set.
2. Refer to the table Features and peripheral counts for the list of packages featuring a VDDMMC separate supply pad.
Table 7. STM32H7A3xI/G pin/ball definition
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
1
A3
1
-
A2
C3
1
E5
-
A3
1
1
A2
1
A3
PE2
I/O
FT_h2
TRACECLK,
SAI1_CK1, SPI4_SCK,
SAI1_MCLK_A,
OCTOSPIM_P1_IO2,
USART10_RX,
FMC_A23, EVENTOUT
-
-
B3
2
E9
B2
B2
2
B1
-
B3
2
2
A1
2
A2
PE3
I/O
FT_h2
TRACED0,
TIM15_BKIN,
SAI1_SD_B,
USART10_TX,
FMC_A19, EVENTOUT
-
2
C3
3
F9
A1
B1
3
C2
-
C3
3
3
B1
3
A1
PE4
I/O
FT_h2
TRACED1, SAI1_D2,
DFSDM1_DATIN3,
TIM15_CH1N,
SPI4_SS, SAI1_FS_A,
FMC_A20, DCMI_D4/
PSSI_D4, LCD_B0,
EVENTOUT
-
3
A2
4
D10
C3
D3
4
D3
-
D3
4
4
B2
4
B1
PE5
I/O
FT_h2
TRACED2, SAI1_CK2,
DFSDM1_CKIN3,
TIM15_CH1,
SPI4_MISO,
SAI1_SCK_A,
FMC_A21, DCMI_D6/
PSSI_D6, LCD_G0,
EVENTOUT
-
-
A1
5
C10
C2
E3
5
E4
-
E3
5
5
B3
5
B2
PE6
I/O
FT_h2
TRACED3,
TIM1_BKIN2,
SAI1_D1, TIM15_CH2,
SPI4_MOSI,
SAI1_SD_A,
SAI2_MCK_B,
TIM1_BKIN2_COMP12,
FMC_A22, DCMI_D7/
PSSI_D7, LCD_G1,
EVENTOUT
-
-
-
6
-
B3
A1
6
F6
-
-
-
-
D5
-
G6
VSS
S
-
-
-
4
E5
7
B11
A3
-
7
F7
-
-
-
-
C5
-
F5
VDD
S
-
-
-
5
C2
8
D11
E3
E2
8
E2
1
B2
6
6
C1
6
C1
VBAT
S
-
-
-
-
C1
-
-
D2
A15
-
A15
-
-
-
-
-
-
-
VSS
S
-
-
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 48/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com