Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 58Page - STMicroelectronics STM32H7A3AII Datasheet HTML 59Page - STMicroelectronics STM32H7A3AII Datasheet HTML 60Page - STMicroelectronics STM32H7A3AII Datasheet HTML 61Page - STMicroelectronics STM32H7A3AII Datasheet HTML 62Page - STMicroelectronics STM32H7A3AII Datasheet HTML 63Page - STMicroelectronics STM32H7A3AII Datasheet HTML 64Page - STMicroelectronics STM32H7A3AII Datasheet HTML 65Page - STMicroelectronics STM32H7A3AII Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
80
B9
110
D4
B11
C11
141
D11
52
B8
79
112
B13
140
B13
PC11
I/O
FT_h0
DFSDM1_DATIN5,
DFSDM2_DATIN0,
SPI3_MISO/I2S3_SDI,
USART3_RX,
UART4_RX,
OCTOSPIM_P1_NCS,
SDMMC1_D3,
DCMI_D4/PSSI_D4,
LCD_B4, EVENTOUT
-
81
A10
111
B3
A11
B11
142
B12
53
C8
80
113
A12
141
A12
PC12
I/O
FT_h0
TRACED3,
TIM15_CH1,
DFSDM2_CKOUT,
SPI6_SCK/I2S6_CK,
SPI3_MOSI/I2S3_SDO,
USART3_CK,
UART5_TX,
SDMMC1_CK,
DCMI_D9/PSSI_D9,
LCD_R6, EVENTOUT
-
-
-
-
-
-
J14
-
-
-
-
-
-
G7
-
-
VSS
S
-
-
-
82
C7
112
C4
D10
C10
143
C11
-
D8
81
114
B12
142
B12
PD0
I/O
FT_h2
DFSDM1_CKIN6,
UART4_RX,
FDCAN1_RX,
UART9_CTS, FMC_D2/
FMC_DA2, LCD_B1,
EVENTOUT
-
83
B8
113
E5
C10
A10
144
A12
-
E8
82
115
C12
143
C12
PD1
I/O
FT_h2
DFSDM1_DATIN6,
UART4_TX,
FDCAN1_TX, FMC_D3/
FMC_DA3, EVENTOUT
-
84
A9
114
D5
E9
B10
145
B11
54
B7
83
116
D12
144
D12
PD2
I/O
FT_h0
TRACED2, TIM3_ETR,
TIM15_BKIN,
UART5_RX, LCD_B7,
SDMMC1_CMD,
DCMI_D11/PSSI_D11,
LCD_B2, EVENTOUT
-
85
A8
115
A4
D9
A9
146
D10
-
C7
84
117
D11
145
C11
PD3
I/O
FT_h2
DFSDM1_CKOUT,
SPI2_SCK/I2S2_CK,
USART2_CTS/
USART2_NSS,
FMC_CLK, DCMI_D5/
PSSI_D5, LCD_G7,
EVENTOUT
-
86
B7
116
B4
C9
C9
147
A11
-
D7
85
118
D10
146
D11
PD4
I/O
FT_h1
USART2_RTS,
OCTOSPIM_P1_IO4,
FMC_NOE,
EVENTOUT
-
87
D7
117
C5
A9
B9
148
C10
-
B6
86
119
C11
147
C10
PD5
I/O
FT_h1
USART2_TX,
OCTOSPIM_P1_IO5,
FMC_NWE,
EVENTOUT
-
-
-
118
-
-
K2
-
-
-
-
-
120
G9
148
F8
VSS
S
-
-
-
-
-
119
-
-
-
-
-
-
-
-
121
-
149
-
VDDMMC
S
-
-
-
88
-
-
-
-
-
-
-
-
-
-
-
-
-
-
VDD
S
-
-
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 62/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com